Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10-250-L Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DR10-250-L
Description  Disco-Lok ™ Female Disconnects, Nylon Fully Insulated – Funnel Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DR10-250-L Datasheet(HTML) 1 Page - PANDUIT CORP.

  DR10-250-L Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Right Angle Female Disconnect, Nylon Insulated – Funnel Entry
• Right angle design for use in limited space applications
• Disconnect can be inserted and removed from the male tab
without the use of tools for lower installed cost
• Longer barrel design for use with Panduit standard disconnect tool
• UL Flammability UL 94V-2/HB, maximum insulation temperature
221°F (105°C)
• UL and CSA rated up to 600 V per UL 310
**Bulk packaging may be available, contact Panduit Customer Service for additional information.
‡UL and CSA approved tooling/product combinations. For crimping tool information, see pages D1.84 and D1.88.
Type DNFR-B
W
H
D
L
Right Angle Female Disconnect, Non-Insulated – Metal Sleeve
• Right angle design for use in limited space applications
• Disconnect can be inserted and removed from the male tab
without the use of tools for lower installed cost
• Sleeved barrel helps to facilitate high mechanical and electrical
performance when crimping
• Barrel of terminal internally beveled to provide quick and easy
wire insertion
• Internal barrel serrations assure good wire contact and maximum
tensile strength
• Maximum recommended operating temperature 302°F (150°C)
• UL and CSA rated up to 2000 V per UL 310
**Bulk packaging may be available, contact Panduit Customer Service for additional information.
‡UL and CSA approved tooling/product combinations. For crimping tool information, see pages D1.83, D1.84,
D1.86 and D1.88.
▲UL Recognized only.
Type DR
Part Number
Wire
Range
Color
Code
Max.
Ins.
(In.)
Figure Dimensions
(In.)
Tab
Size
(In.)
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
L
W
H
D
DNFR18-205B-L
22 – 18
AWG
Red
0.130 0.78 0.36 0.20 0.62 0.205/0.187
x 0.032
CT-1525‡,
CT-2500‡
50
500
DNFR18-206B-L
0.130 0.78 0.36 0.20 0.62 0.205/0.187
x 0.020
50
500
DNFR18-250B-L
0.130 0.78 0.36 0.20 0.62
0.250
x 0.032
50
500
DNFR14-205B-L
16 – 14
AWG
Blue
0.155 0.78 0.36 0.20 0.63 0.205/0.187
x 0.032
CT-1525‡,
CT-2500‡
50
500
DNFR14-206B-L
0.155 0.78 0.36 0.20 0.63 0.205/0.187
x 0.020
50
500
DNFR14-250B-L
0.155 0.78 0.36 0.20 0.63
0.250
x 0.032
50
500
Part Number
Wire
Range
Figure Dimensions
(In.)
Tab
Size
(In.)
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
L
W
H
D
DR18-205-C
22 – 18
AWG
0.54
0.25
0.12
0.53 0.205/0.187 x 0.032
CT-100A‡,
CT-200‡,
CT-600-A‡,
CT-1570‡,
CT-2500‡
100
1000
DR18-206-C
0.54
0.25
0.12
0.53 0.205/0.187 x 0.020
100
1000
DR18-250-C
0.57
0.30
0.12
0.54
0.250 x 0.032
100
1000
DR14-205-C
16 – 14
AWG
0.54
0.25
0.12
0.55 0.205/0.187 x 0.032
CT-100A‡,
CT-200‡,
CT-600-A‡,
CT-1570‡,
CT-2500‡
100
1000
DR14-206-C
0.54
0.25
0.12
0.55 0.205/0.187 x 0.020
100
1000
▲ DR14-250-C
0.57
0.30
0.12
0.55
0.250 x 0.032
100
1000
DR10-250-L
12 – 10
AWG
0.61
0.30
0.12
0.57
0.250 x 0.032
CT-100A‡,
CT-200‡,
CT-600-A‡,
CT-1570‡,
CT-1701‡,
CT-2500‡
50
500


Similar Part No. - DR10-250-L

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
DR100 BLACKBOX-DR100 Datasheet
464Kb / 3P
DIN Rail Converter and Repeaters with Opto-Isolation
logo
Electronic devices inc.
DR1000 EDI-DR1000 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Danisense A/S
DR10000IM DANISENSE-DR10000IM Datasheet
1Mb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11000A
2023-03-06
DR10000UX-10V DANISENSE-DR10000UX-10V Datasheet
563Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11kA
2022-11-24
logo
Crydom Inc.,
DR100D12 CRYDOM-DR100D12 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
More results

Similar Description - DR10-250-L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
DNF18-250 PANDUIT-DNF18-250 Datasheet
58Kb / 1P
FEMALE DISCONNECTS, NYLON INSULATED, FUNNEL .250X .032
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
Hubbell Incorporated.
FQN10F25X03D HUBBELL-FQN10F25X03D Datasheet
273Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 10-12 AWG, 300 V, 0.98" L, 0.25" W, Nylon Insul, Tin Plated, Yellow(Insul Color).
FQN10M25X03D HUBBELL-FQN10M25X03D Datasheet
264Kb / 2P
Fully Insulated Brass Male Disconnect, 12-10 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN14F25X03D HUBBELL-FQN14F25X03D Datasheet
271Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 14-16 AWG, 300 V, 0.90" L, 0.25" W, Nylon Insul, Blue(Insul Color).
FQN14M25X03D HUBBELL-FQN14M25X03D Datasheet
265Kb / 2P
Fully Insulated Brass Male Disconnect, 16-14 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN18F25X03D HUBBELL-FQN18F25X03D Datasheet
274Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 18-22 AWG,300 V, 0.90" L, 0.25" W, Nylon Insul, Red(Insul Color).
FQP14F18X02D HUBBELL-FQP14F18X02D Datasheet
261Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 16 - 14 AWG
FQP18F25X03D HUBBELL-FQP18F25X03D Datasheet
260Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 22 - 18 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com