Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC237D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC237D
Download  74HC237D Download
File Size   764.9 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches

74HC237D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC237D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC237D
Download  74HC237D Click to download

File Size   764.9 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches

74HC237D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC237D Product details

General description
The 74HC237 is a high-speed Si-gate CMOS device and is pin compatible with low-power
Schottky TTL (LSTTL). The 74HC237 is specified in compliance with JEDEC
standard no. 7A.
The 74HC237 is a 3-to-8 line decoder, demultiplexer with latches at the three address
inputs (An). The 74HC237 essentially combines the 3-to-8 decoder function with a 3-bit
storage latch. When the latch is enabled (LE = LOW), the 74HC237 acts as a 3-to-8 active
LOW decoder. When the latch enable (LE) goes from LOW-to-HIGH, the last data present
at the inputs before this transition, is stored in the latches. Further address changes are
ignored as long as LE remains HIGH. The output enable input (E1 and E2) controls the
state of the outputs independent of the address inputs or latch operation. All outputs are
HIGH unless E1 is LOW and E2 is HIGH. The 74HC237 is ideally suited for implementing
non-overlapping decoders in 3-state systems and strobes (stored address) applications in
bus-oriented systems.
Features and benefits
 Combines 3-to-8 decoder with 3-bit latch
 Multiple input enable for easy expansion or independent controls
 Active HIGH mutually exclusive outputs
 Low-power dissipation
 ESD protection:
 HBM JESD22-A114F exceeds 2 000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74HC237D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237D PHILIPS-74HC237D Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237D PHILIPS-74HC237D Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC237D NXP-74HC237D Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Toshiba Semiconductor
74HC237D TOSHIBA-74HC237D Datasheet
228Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC237D NEXPERIA-74HC237D Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results


Similar Description - 74HC237D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com