Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC573PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC573PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC573PW
Download  74HC573PW Download
File Size   218.95 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type transparent latch; 3-state

74HC573PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC573PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC573PW
Download  74HC573PW Click to download

File Size   218.95 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type transparent latch; 3-state

74HC573PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC573PW Product details

General description
The 74HC573; 74HCT573 is an 8-bit D-type transparent latch with 3-state outputs. The
device features latch enable (LE) and output enable (OE) inputs. When LE is HIGH, data
at the inputs enter the latches. In this condition the latches are transparent, a latch output
will change each time its corresponding D-input changes. When LE is LOW the latches
store the information that was present at the inputs a set-up time preceding the
HIGH-to-LOW transition of LE. A HIGH on OE causes the outputs to assume a
high-impedance OFF-state. Operation of the OE input does not affect the state of the
latches. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VCC.
Features and benefits
 Input levels:
 For 74HC573: CMOS level
 For 74HCT573: TTL level
 Inputs and outputs on opposite sides of package allowing easy interface with
microprocessors
 Useful as input or output port for microprocessors and microcomputers
 3-state non-inverting outputs for bus-oriented applications
 Common 3-state output enable input
 Multiple package options
 Complies with JEDEC standard no. 7 A
 ESD protection:
 HBM JESD22-A114F exceeds 2 000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74HC573PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC573PW PHILIPS-74HC573PW Datasheet
61Kb / 7P
Octal D-type transparent latch; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC573PW NEXPERIA-74HC573PW Datasheet
279Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
logo
NXP Semiconductors
74HC573PW-Q100 NXP-74HC573PW-Q100 Datasheet
253Kb / 19P
Octal D-type transparent latch; 3-state
Rev. 2-16 August 2012
logo
Nexperia B.V. All right...
74HC573PW-Q100 NEXPERIA-74HC573PW-Q100 Datasheet
274Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Similar Description - 74HC573PW

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com