Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2719A Datasheet (PDF) - Analog Devices

DC2719A Datasheet PDF - Analog Devices
Part # DC2719A
Download  DC2719A Download
File Size   576.67 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8708/LT8708-1 80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller with Flexible Bidirectional Capability

DC2719A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2719A Datasheet PDF - Analog Devices

Part # DC2719A
Download  DC2719A Click to download

File Size   576.67 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8708/LT8708-1 80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller with Flexible Bidirectional Capability

DC2719A Datasheet (HTML) - Analog Devices


DC2719A Product details

DESCRIPTION
Demonstration circuit 2719A is a high performance bidirectional
buck-boost converter featuring the LT®8708/
LT8708-1 that can operate from input voltages above,
below or equal to the output voltage. The demo board
input range is 10.5V to 14.5V (25VMAX). The output voltage
is set at 14.5V and the output current limit at 40A.
The board can operate in both forward and reverse mode.
The controller has integrated input voltage and output
voltage regulators and two sets of input and output current
regulators that control current flow in forward or
reverse direction. Features are included that simplify bidirectional
power conversion in battery/capacitor backup
systems and other applications that may need regulation
of VIN, VOUT, IIN and/or IOUT.
While the current mode control limits the inductor current
both in normal and in reverse direction these current limits
have some variation as input/output voltage changes.
The forward and reverse input and output current regulators
offer four accurate current limits that can be set
individually.
The input voltage regulator is often used in applications
with high impedance power sources and will reduce the
forward current if the input voltage drops below the set
point. When operating with reverse current flow, the input
voltage regulator regulates the voltage at the input side.
The operating mode of the controller is determined
through the MODE pin (jumper JP9 Pins 5 to 12) and
can be set to discontinuous mode, hybrid discontinuous
mode, forced continuous mode and Burst Mode®
operation.
The LT8708 is capable of bidirectional operation when
operating in the continuous conduction mode (CCM).
DCM, HCM and Burst Mode operation only allow power to
flow in one direction. Additional circuitry may be needed
depending on the application.




Similar Part No. - DC2719A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC2702B-A AD-DC2702B-A Datasheet
2Mb / 14P
LTM4700 Single 100A μModule Regulator with Digital Power System Management
Rev. 0 06/23
DC2702B-B AD-DC2702B-B Datasheet
2Mb / 14P
LTM4700 Single 100A μModule Regulator with Digital Power System Management
Rev. 0 06/23
DC2728A AD-DC2728A Datasheet
2Mb / 116P
60V Dual Output Step-Up Controller with Digital Power System Management
DC2784B AD-DC2784B Datasheet
2Mb / 20P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
Rev. 0
DC2784B AD-DC2784B Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
Rev. 0 07/24
More results


Similar Description - DC2719A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Analog Devices
LT8210 AD-LT8210 Datasheet
7Mb / 44P
100V Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com