Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2702B-A Datasheet (PDF) - Analog Devices

DC2702B-A Datasheet PDF - Analog Devices
Part # DC2702B-A
Download  DC2702B-A Download
File Size   2510.66 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4700 Single 100A μModule Regulator with Digital Power System Management

DC2702B-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2702B-A Datasheet PDF - Analog Devices

Part # DC2702B-A
Download  DC2702B-A Click to download

File Size   2510.66 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4700 Single 100A μModule Regulator with Digital Power System Management

DC2702B-A Datasheet (HTML) - Analog Devices


DC2702B-A Product details

DESCRIPTION
Demonstration circuit 2702B-B is a single output, dualphase,
high efficiency, high density, μModule® regulator
with a 4.5V to 16V input range. The output voltage is
adjustable from 0.5V to 1.8V and can supply 100A maximum
load current. The DC2702B-B demo board has a
LTM®4700 μModule regulator, a dual 50A or single 100A
step-down regulator with digital power system management.
Refer to the LTM4700 data sheet for more
detailed information.
DC2702B-B powers up to default settings and produces
power based on configuration resistors without serial bus
communication. This feature allows easy evaluation of
the DC/DC converter. To fully explore the extensive power
system management features of the LTM4700, download
the GUI software LTpowerPlay® onto your PC and use
Analog Devices I2C/SMBus/PMBus dongle DC1613A to
connect to the board. LTpowerPlay allows the user to
reconfigure the part on-the-fly, store the configuration in
EEPROM, view telemetry of voltage, current, temperature
and fault status.




Similar Part No. - DC2702B-A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC2719A AD-DC2719A Datasheet
576Kb / 8P
LT8708/LT8708-1 80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller with Flexible Bidirectional Capability
Rev 0
DC2728A AD-DC2728A Datasheet
2Mb / 116P
60V Dual Output Step-Up Controller with Digital Power System Management
DC2784B AD-DC2784B Datasheet
2Mb / 20P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
Rev. 0
DC2784B AD-DC2784B Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
Rev. 0 07/24
DC2784B AD-DC2784B Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 4 × LTM4700, 400A
Rev. 0 07/24
More results


Similar Description - DC2702B-A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
25A, Dual PolyPhase Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4683 AD-LTM4683 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com