Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3021A Datasheet (PDF) - Analog Devices

DC3021A Datasheet PDF - Analog Devices
Part # DC3021A
Download  DC3021A Download
File Size   1186.62 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3310S-1 3.3V to 1.0V at 10A, 2MHz Low EMI Buck Regulator in a 2.11cm2 Solution

DC3021A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3021A Datasheet PDF - Analog Devices

Part # DC3021A
Download  DC3021A Click to download

File Size   1186.62 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3310S-1 3.3V to 1.0V at 10A, 2MHz Low EMI Buck Regulator in a 2.11cm2 Solution

DC3021A Datasheet (HTML) - Analog Devices


DC3021A Product details

DESCRIPTION
Demonstration circuit 3021A shows the LTC®3310S-1
10A, 1V fixed output, synchronous step-down
Silent Switcher®2 operating as a 2MHz 3.3V to 1.0V 10A
buck regulator. The LTC3310S-1 supports operating frequencies
from 500kHz up to 5MHz. The LTC3310S-1 is
a compact, ultralow emission, high efficiency, and high
speed synchronous monolithic step-down switching
regulator. The integrated bypass capacitors optimize all
the fast-current loops and make it easier to minimize
EMI/EMC emissions by reducing layout sensitivity. The
LTC3310S-1 has Active Voltage Positioning (AVP) where
the output voltage is dependent on load current. At light
loads, the output voltage is regulated above the nominal
value. At full load, the output voltage is regulated below
the nominal value. The DC load regulation is adjusted to
improve transient performance and reduce output capacitor
requirements.
DC3021A is set up to run in forced continuous mode with
a 2MHz switching frequency but can be configured to
pulse-skipping mode and different switching frequencies.
RT is connected to VIN which sets the MODE/SYNC pin
as an input and allows the LTC3310S-1 to sync from an
external clock. Connecting the MODE/SYNC pin to VIN
sets the mode to pulse-skipping mode and connecting
the MODE/SYNC pin to GND sets the mode to forced continuous
mode.
The DC3021A also has an EMI filter to reduce conducted
EMI. This EMI filter can be included by applying the input
voltage at the VIN EMI terminal. The EMI performance
of the board is shown in the EMI Test Results section.
The red lines in the EMI performance graphs illustrate
the CISPR25 Class 5 peak limits for the conducted and
radiated emission tests.
The LTC3310S/LTC3310S-1 data sheet gives a complete
description of the part, operation and application information.
The data sheet must be read in conjunction with
this demo manual. The LTC3310S-1 is assembled in a
3mm × 3mm LQFN package with exposed pad for low
thermal resistance. The layout recommendations for low
EMI operation and maximum thermal performance are
available in the data sheet section Low EMI PCB Layout.




Similar Part No. - DC3021A

ManufacturerPart #DatasheetDescription
logo
DFI Inc
DC30 DFI-DC30 Datasheet
295Kb / 1P
DC to DC Converters
logo
Analog Devices
DC3071A AD-DC3071A Datasheet
1Mb / 10P
LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
Rev. 0 11/22
DC3080A-KIT AD-DC3080A-KIT Datasheet
1Mb / 12P
LTC4126-ADJ 10mA Wireless Charger Demonstration Kit
Rev. 0 03/21
logo
List of Unclassifed Man...
DC30A ETC-DC30A Datasheet
368Kb / 2P
Create Best Small Electric DC Water Pump
DC30A-0406 ETC-DC30A-0406 Datasheet
368Kb / 2P
Create Best Small Electric DC Water Pump
More results


Similar Description - DC3021A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
3mmx3mm 2MHz 3A PWM Buck Regulator
logo
Analog Devices
ADP3089 AD-ADP3089 Datasheet
103Kb / 4P
1 MHz, 1 A Buck Regulator
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
1.5A 2MHz Integrated Switch Buck Regulator
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
3A 2MHz Integrated Switch Buck Regulator
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
ON Semiconductor
FAN2310AMPX ONSEMI-FAN2310AMPX Datasheet
1Mb / 20P
10A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
10A Synchronous Buck Regulator
Rev. 1.0
logo
Maxim Integrated Produc...
MAX38641AEVK MAXIM-MAX38641AEVK Datasheet
455Kb / 6P
1.0V to 3.3V Configurable Output Voltage
Rev 1; 7/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com