Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3122A Datasheet (PDF) - Analog Devices

DC3122A Datasheet PDF - Analog Devices
Part # DC3122A
Download  DC3122A Download
File Size   1228.9 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3307A 3.3V to 1.2V at 3A, 2MHz Low EMI Buck Regulator in a 47mm² Solution

DC3122A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3122A Datasheet PDF - Analog Devices

Part # DC3122A
Download  DC3122A Click to download

File Size   1228.9 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3307A 3.3V to 1.2V at 3A, 2MHz Low EMI Buck Regulator in a 47mm² Solution

DC3122A Datasheet (HTML) - Analog Devices


DC3122A Product details

DESCRIPTION
Demonstration circuit 3122A features the LTC®3307A
5V, 3A synchronous step-down Silent Switcher® operating
as a 2MHz, 3.3V to 1.2V 3A buck regulator. The
LTC3307A supports adjustable output voltages from
0.5V to VIN with operating frequencies from 1MHz up to
3MHz. The LTC3307A is a compact, ultralow emission,
high efficiency, and high speed synchronous monolithic
step-down switching regulator. A minimum on-time of
22ns enables high VIN to low VOUT conversion ratios at
high frequencies.
The DC3122A operating mode may be selected as Burst,
Skip or forced continuous (FC) mode. Setting JP1 to the
FC/SYNC position will allow the LTC3307A to sync to a
clock frequency from 1MHz to 3MHz. The LTC3307A
operates in forced continuous mode when syncing to
an external clock. The DC3122A is set to a fixed 2MHz
frequency by connecting RT to VIN through a 0Ω resistor,
R9. The frequency can be easily changed by removing
R9 and setting an appropriate resistor in the R4 location
to obtain the desired frequency. Refer to the LTC3307A
data sheet for the proper RT value for a desired switching
frequency.
The DC3122A also has an Electromagnetic interference
(EMI) filter to reduce conducted EMI. This EMI filter can
be included by applying the input voltage at the VIN EMI
terminal. The EMI performance of the board is shown
in the EMI Test Results section. The red lines in the EMI
performance graphs illustrate the CISPR25 Class 5 peak
limits for the conducted and radiated emission tests.
The LTC3307A data sheet gives a complete description of
the device, operation and application information. The data
sheet must be read in conjunction with this demo manual.
The LTC3307A is assembled in a 1.6mm × 1.6mm Wafer
Level Chip Scale Package (WLCSP) with exposed pads for
low thermal resistance. The layout recommendations for
low EMI operation and maximum thermal performance
are available in the data sheet section Low EMI Printed
Circuit Board (PCB) Layout.
The Efficiency vs Load graph shows the efficiency and
the power loss of the circuit with a 3.3V input in Burst
Mode® operation.




Similar Part No. - DC3122A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC3126A AD-DC3126A Datasheet
856Kb / 10P
LT8686S 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0 2/23
More results


Similar Description - DC3122A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
3mmx3mm 2MHz 3A PWM Buck Regulator
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com