Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3126A Datasheet (PDF) - Analog Devices

DC3126A Datasheet PDF - Analog Devices
Part # DC3126A
Download  DC3126A Download
File Size   856.6 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8686S 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator

DC3126A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3126A Datasheet PDF - Analog Devices

Part # DC3126A
Download  DC3126A Click to download

File Size   856.6 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8686S 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator

DC3126A Datasheet (HTML) - Analog Devices


DC3126A Product details

DESCRIPTION
Demonstration circuit 3126A is a quad power supply featuring
the LT®8686S. The LT8686S is a 42V quad channel
current mode monolithic synchronous step-down regulator.
The LT8686S combines two 42V capable 2A buck
regulators with two 8V capable 2A buck regulators. The
demo board is designed for 5V, 3.3V, 1.8V, and 1.2V outputs
from a nominal 12V input with switching frequency
set at 2MHz. The 5V and 3.3V converters are powered
from a wide range of 6V to 42V. The 1.8V and 1.2V converters
are powered from the 5V output by default or from
3V to 8V supply alternatively. The current capability is 2A
for all 4 outputs when running individually.
The DC3126A provides two 42V regulators that can be
combined to deliver up to 4A of output current using a
singular inductor. Similarly, the two 8V regulators can be
combined to deliver up to 4A of output current using a
singular inductor. The allowed channel combinations are
given in the data sheet.
The independent track/soft-start and power good for each
output simplify the complex design of quad-output power
converters. Each output can be independently disabled
into low quiescent current shutdown mode with its own
TRK/SS pin.
A user-selectable SYNC/MODE pin on the demo board
provides two primary modes of operation: pulse-skipping
mode and low ripple Burst Mode® operation, plus
the option of selecting frequency spread-spectrum for
each to improve the EMI/EMC performance. Burst Mode
delivers higher efficiency at light load than pulse-skipping
mode. In pulse-skipping mode, full switching frequency
is maintained to lower load currents than Burst Mode.
The SYNC/MODE pin can also be used to synchronize the
switching frequency to an external clock. The switching
frequency for all regulators can be programmed either via
an oscillator resistor or an external clock over a 350kHz
to 3MHz range. At all frequencies, a 180° phase shift is
maintained between channel 1 and channel 2, channel 3
and channel 4, reducing the input peak current and voltage
ripple.
The demo board has an EMI filter installed on the bottom
layer. The conducted and radiated EMI performance of
the board is shown on Figure 4. The red line in Figure 4
is CISPR25 Class 5 peak limit. The figure shows that the
circuit passes the test with a wide margin. To achieve EMI/
EMC performance as shown in Figure 4, the input EMI
filter is required, and the input voltage should be applied
at VEMI turret.
The LT8686S data sheet gives a complete description of
the part operation and application information. The data
sheet must be read in conjunction with this quick start
guide for DC3126A. The LT8686S is assembled in a 5mm
× 5mm LQFN package with exposed pads for low thermal
resistance. Proper board layout is essential for both low
EMI operation and best thermal performance.




Similar Part No. - DC3126A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC3122A AD-DC3122A Datasheet
1Mb / 10P
LTC3307A 3.3V to 1.2V at 3A, 2MHz Low EMI Buck Regulator in a 47mm² Solution
Rev. 0 11/23
More results


Similar Description - DC3126A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com