Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4712 Datasheet (PDF) - Analog Devices

LTM4712 Datasheet PDF - Analog Devices
Part # LTM4712
Download  LTM4712 Download
File Size   1620.28 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4712 36VIN, 12A Buck-Boost μModule Regulator

LTM4712 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4712 Datasheet PDF - Analog Devices

Part # LTM4712
Download  LTM4712 Click to download

File Size   1620.28 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4712 36VIN, 12A Buck-Boost μModule Regulator

LTM4712 Datasheet (HTML) - Analog Devices


LTM4712 Product details

DESCRIPTION
Demonstration circuit 3189A features the LTM®4712, a
high efficiency, buck-boost μModule® regulator with a 5V
to 36V input voltage range and 1V to 36V output voltage
range. The output is capable of 12A in buck and buckboost
modes, and 6A under 12VIN and 24VOUT. Derating
is necessary for certain VIN, VOUT, frequency and thermal
conditions. For more information, see the LTM4712
data sheet.
The DC3189A demo board features a constant-current
mode (CCM) to deliver a precise, regulated current while
the load may vary.
The DC3189A demo board is optimized using a default
frequency of 400kHz. The current mode architecture
used in the LTM4712 is peak-current mode control. The
LTM4712 operates in continuous current mode by default
but can be placed in pulse-skipping mode to optimize
efficiency at light loads.
The LTM4712 is offered in a 16mm × 16mm × 8.34mm
ball grid array (BGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM4712 module package features an inductor on top of
the molded substrate for improved heat sinking capability.
The LTM4712 data sheet gives a complete description of
the device, including operation and application information.
Refer to the data sheet in conjunction with this demo
manual prior to working on or modifying DC3189A.




Similar Part No. - LTM4712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
LTM4712EYPBF AD-LTM4712EYPBF Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
LTM4712IYPBF AD-LTM4712IYPBF Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results


Similar Description - LTM4712

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Analog Devices
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com