Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2460S+ Datasheet (PDF) - Analog Devices

DS2460S+ Datasheet PDF - Analog Devices
Part # DS2460S+
Download  DS2460S+ Download
File Size   237.8 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SHA-1 Coprocessor with EEPROMAbridged

DS2460S+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2460S+ Datasheet PDF - Analog Devices

Part # DS2460S+
Download  DS2460S+ Click to download

File Size   237.8 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SHA-1 Coprocessor with EEPROMAbridged

DS2460S+ Datasheet (HTML) - Analog Devices


DS2460S+ Product details

FEATURES
Dedicated Hardware-Accelerated SHA Engine for Generating SHA-1 MACs
112 Bytes User EEPROM for Storing End Equipment Property Data
I²C Host Interface, Supports 100kHz and 400kHz Communication Speeds
Three Address Inputs for I²C Address Assignment
Single-Byte to 8-Byte EEPROM Write Sequences
64-Bit Unique Registration Number
EEPROM Endurance: 200k Cycles per 8-Byte Block at 25°C
10ms max EEPROM Write Cycle
Wide Operating Range: 2.7V to 5.5V, -40°C to +85°C
±4kV IEC 1000-4-2 ESD Protection Level on All Pins
8-Pin SO (150 mils) Package




Similar Part No. - DS2460S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460S+ DALLAS-DS2460S+ Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2460S+ MAXIM-DS2460S+ Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
logo
Dallas Semiconductor
DS2460S+/TR DALLAS-DS2460S+/TR Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2460S+R MAXIM-DS2460S+R Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S+T MAXIM-DS2460S+T Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
More results


Similar Description - DS2460S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DSSHA1 MAXIM-DSSHA1 Datasheet
244Kb / 9P
Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Rev 0; 5/11
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com