Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXR.1515.B Datasheet (PDF) - Taoglas antenna solutions

FXR.1515.B Datasheet PDF - Taoglas antenna solutions
Part # FXR.1515.B
Download  FXR.1515.B Download
File Size   1678.9 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description NFC Flex Antenna (15*15*0.355mm) with a Reverse Ferrite Layer and adhesive backing

FXR.1515.B Datasheet (PDF)

Go To PDF Page Download Datasheet
FXR.1515.B Datasheet PDF - Taoglas antenna solutions

Part # FXR.1515.B
Download  FXR.1515.B Click to download

File Size   1678.9 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description NFC Flex Antenna (15*15*0.355mm) with a Reverse Ferrite Layer and adhesive backing

FXR.1515.B Datasheet (HTML) - Taoglas antenna solutions


FXR.1515.B Product details

Features:
13.56 MHz Antenna
Reverse Ferrite Layer
Flexible Low Profile Embedded
Dimensions:
•Length and Height: 15 x 15mm
•FXR.1515.B.dg - NFC with ferrite
•FXR.1515.52.0075X.B.dg - NFC with ferrite and 75mm Twisted Pair 28AWG cable with ACH(F) connector
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXR.1515.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.1515.A TAOGLAS-FXR.1515.A Datasheet
1Mb / 15P
Circular Flexible NFC (Near-Field Communications) Antenna
Revision: A 2022-09-01
FXR.1515.A.DG TAOGLAS-FXR.1515.A.DG Datasheet
1Mb / 15P
Circular Flexible NFC (Near-Field Communications) Antenna
Revision: A 2022-09-01
More results


Similar Description - FXR.1515.B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4030-A02 ABRACON-ANFCA-4030-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4535-A01 ABRACON-ANFCA-4535-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-5040-A02 ABRACON-ANFCA-5040-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
logo
Pulse A Technitrol Comp...
L158 PULSE-L158 Datasheet
524Kb / 2P
Small Planar NFC Antenna with Ferrite
W7013 PULSE-W7013 Datasheet
524Kb / 2P
Small Planar NFC Antenna with Ferrite
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com