Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXR.1515.A Datasheet (PDF) - Taoglas antenna solutions

FXR.1515.A Datasheet PDF - Taoglas antenna solutions
Part # FXR.1515.A
Download  FXR.1515.A Download
File Size   1191.13 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Circular Flexible NFC (Near-Field Communications) Antenna

FXR.1515.A Datasheet (PDF)

Go To PDF Page Download Datasheet
FXR.1515.A Datasheet PDF - Taoglas antenna solutions

Part # FXR.1515.A
Download  FXR.1515.A Click to download

File Size   1191.13 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Circular Flexible NFC (Near-Field Communications) Antenna

FXR.1515.A Datasheet (HTML) - Taoglas antenna solutions


FXR.1515.A Product details

Features:
13.56 MHz Antenna
Flexible Low Profile Embedded
Typical interrogation distance: 40 mm
Dimensions:
• Diameter: 15*15 mm
• Thickness: 0.14 mm ( FXR. 1515. A )
• Thickness: 0.27 mm ( FXR. 1515. A. dg)
• Thickness: 0.27 mm ( FXR.1515.52.0075X.A.dg )
Peel and stick 3M adhesive on back
RoHS & Reach Compliant




Similar Part No. - FXR.1515.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.1515.52.0075X.B.DG TAOGLAS-FXR.1515.52.0075X.B.DG Datasheet
1Mb / 14P
NFC Flex Antenna (15*15*0.355mm) with a Reverse Ferrite Layer and adhesive backing
Revision: A 2024-06-17
FXR.1515.B TAOGLAS-FXR.1515.B Datasheet
1Mb / 14P
NFC Flex Antenna (15*15*0.355mm) with a Reverse Ferrite Layer and adhesive backing
Revision: A 2024-06-17
FXR.1515.B.DG TAOGLAS-FXR.1515.B.DG Datasheet
1Mb / 14P
NFC Flex Antenna (15*15*0.355mm) with a Reverse Ferrite Layer and adhesive backing
Revision: A 2024-06-17
More results


Similar Description - FXR.1515.A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
Flexible Near-Field Communications Reader Antenna
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
Circular Near-Field Communications Ferrite
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
Circular Near-Field Communications Antenna
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
Square Flexible Near-Field Communications Antenna
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
Rectangular Flexible Near-Field Communications Antenna
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
Flexible Near-Field Communications Reader Antenna
FXR07520075XA TAOGLAS-FXR07520075XA Datasheet
1Mb / 11P
Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
logo
NXP Semiconductors
PN7160 NXP-PN7160_V01 Datasheet
761Kb / 70P
Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com