Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1590 Datasheet (PDF) - Hammond Manufacturing Ltd.

1590 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1590
Download  1590 Download
File Size   128.12 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Natural & Painted Flanged Lid (1590 Series)

1590 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1590
Download  1590 Click to download

File Size   128.12 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Natural & Painted Flanged Lid (1590 Series)

1590 Datasheet (HTML) - Hammond Manufacturing Ltd.


1590 Product details

KEY FEATURES

Rugged, diecast aluminum alloy (tough yet easy to machine), electronic instrument enclosure.
Lap joint construction provides protection against access of dust and splashing water. Also provides for improved
EMI/RFI shielding.
Flanged lid allows for easy mounting to walls or shelves.
These enclosures share the same body and features as our regular type 1590 enclosure except the lid is extended and
four countersunk holes are cast into the flanges.
The flanged lid allows for added security as the lid screws are hidden against the wall or shelf.
Painted version is painted with tough polyester powder paint for a lasting finish, even after machining.
Four (or 6 in 1590D, 1590DD & 1590E, 8 in 1590F) 6-32 x 1/2” machine screws secure lid - into tapped holes.
Designed to meet IP54.
Replacement screws for natural finish series, nickel plated, 6-32 x 1/2” - 1590MS100 - Package of 100
Replacement black chromate screws for black series, 6-32 x 1/2” - 1590MS50BK - Package of 50




Similar Part No. - 1590

ManufacturerPart #DatasheetDescription
logo
Heyco.
1590 HEYCO-1590 Datasheet
116Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1590 ADAFRUIT-1590 Datasheet
225Kb / 3P
RA8875 Driver Board for 40-pin TFT Touch Displays - 800x480 Max
11/13/2015
logo
Walther-Werke
1590 WALTHER-1590 Datasheet
958Kb / 2P
Sockets IP 44
logo
Hammond Manufacturing L...
1590 HAMMOND-1590 Datasheet
506Kb / 6P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
6/4/2018
1590 HAMMOND-1590 Datasheet
1Mb / 6P
Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
9/23/24, 2:41 AM
More results


Similar Description - 1590

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP-250-100RM ETC1-RFP-250-100RM Datasheet
523Kb / 2P
Flanged Resistors
logo
Anaren Microwave
RFP-10-50TVR ANAREN-RFP-10-50TVR Datasheet
497Kb / 2P
Flanged Terminations
RFP-60-50TPC ANAREN-RFP-60-50TPC Datasheet
496Kb / 2P
Flanged Terminations
logo
Hammond Manufacturing L...
1411DU HAMMOND-1411DU Datasheet
137Kb / 1P
12GVUGE NATURAL ALUMINUM BODY 1411DU ASA61 GREY POWDER PAINTED ALUMINUM BODY
1590WE HAMMOND-1590WE Datasheet
208Kb / 3P
WATERTIGHT WITH FLANGED LID
logo
List of Unclassifed Man...
PBL2 ETC2-PBL2 Datasheet
152Kb / 1P
Flanged Boxes PBL Series
1590MF ETC2-1590MF Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
logo
Murata Manufacturing Co...
SF2252E MURATA-SF2252E Datasheet
204Kb / 5P
1590 MHz SAW Filter
logo
Johanson Technology Inc...
1575CH15A0030 JOHANSON-1575CH15A0030 Datasheet
313Kb / 3P
Splitter; 1560 - 1590 MHz
logo
CamdenBoss Ltd.
CHD7101 CAMDENBOSS-CHD7101 Datasheet
424Kb / 1P
71 series flanged IP66 enclosures
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com