Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4159 Datasheet (PDF) - Analog Devices

ADF4159 Datasheet PDF - Analog Devices
Part # ADF4159
Download  ADF4159 Download
File Size   761.36 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer

ADF4159 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4159 Datasheet PDF - Analog Devices

Part # ADF4159
Download  ADF4159 Click to download

File Size   761.36 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer

ADF4159 Datasheet (HTML) - Analog Devices


ADF4159 Product details

FEATURES
RF bandwidth to 13 GHz
High and low speed FMCW ramp generation
25-bit fixed modulus allows subhertz frequency resolution
PFD frequencies up to 110 MHz
Normalized phase noise floor of −224 dBc/Hz
FSK and PSK functions
Sawtooth, triangular, and parabolic waveform generation
Ramp superimposed with FSK
Ramp with 2 different sweep rates
Ramp delay, frequency readback, and interrupt functions
Programmable phase control
2.7 V to 3.45 V analog power supply
1.8 V digital power supply
Programmable charge pump currents
3-wire serial interface
Digital lock detect
ESD performance: 3000 V HBM, 1000 V CDM
Qualified for automotive applications

APPLICATIONS
FMCW radars
Communications test equipment
Communications infrastructure




Similar Part No. - ADF4159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4159 AD-ADF4159 Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159 AD-ADF4159 Datasheet
653Kb / 36P
Direct Modulation/Fast Waveform Generating,
9/13-Rev. B to Rev. C
ADF4159 AD-ADF4159 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
653Kb / 36P
Direct Modulation/Fast Waveform Generating,
9/13-Rev. B to Rev. C
More results


Similar Description - ADF4159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
6 GHz Fractional-N Frequency Synthesizer
5/06-Revision 0
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4159 AD-ADF4159 Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4159 AD-ADF4159_14 Datasheet
653Kb / 36P
Direct Modulation/Fast Waveform Generating,
9/13-Rev. B to Rev. C
ADF4169 AD-ADF4169 Datasheet
675Kb / 36P
Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
7/15-Revision 0
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
6/2018-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com