Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2181 Datasheet (PDF) - Analog Devices

UG-2181 Datasheet PDF - Analog Devices
Part # UG-2181
Download  UG-2181 Download
File Size   523.78 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EV2HMC797APM5 Evaluation Board for GaAs, pHEMT, MMIC, Power Amplifier, DC to 22 GHz

UG-2181 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2181 Datasheet PDF - Analog Devices

Part # UG-2181
Download  UG-2181 Click to download

File Size   523.78 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EV2HMC797APM5 Evaluation Board for GaAs, pHEMT, MMIC, Power Amplifier, DC to 22 GHz

UG-2181 Datasheet (HTML) - Analog Devices


UG-2181 Product details

FEATURES
► 2-layer Rogers 4350B evaluation board with heat spreader and
wideband, surface-mount bias tee circuit
► End launch, 2.92 mm RF connectors
► Through calibration path




Similar Part No. - UG-2181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2186 AD-UG-2186 Datasheet
1Mb / 14P
Evaluating the Multiphase Operation of the LTC3313 5 V, 15 A Synchronous Step-Down Silent Switcher in 3 mm × 3 mm LQFN
Rev. 0
UG-2188 AD-UG-2188 Datasheet
539Kb / 7P
Evaluating the ADBMS6822 Dual isoSPI Adapter
Rev. 0
More results


Similar Description - UG-2181

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC659LC5 HITTITE-HMC659LC5 Datasheet
293Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC907 HITTITE-HMC907 Datasheet
654Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
logo
Analog Devices
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC907A AD-HMC907A Datasheet
976Kb / 12P
GaAs pHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com