Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV1HMC797APM5 Datasheet (PDF) - Analog Devices

EV1HMC797APM5 Datasheet PDF - Analog Devices
Part # EV1HMC797APM5
Download  EV1HMC797APM5 Download
File Size   1289.1 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz

EV1HMC797APM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV1HMC797APM5 Datasheet PDF - Analog Devices

Part # EV1HMC797APM5
Download  EV1HMC797APM5 Click to download

File Size   1289.1 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz

EV1HMC797APM5 Datasheet (HTML) - Analog Devices


EV1HMC797APM5 Product details

Features
High P1dB Output Power: +29 dBm
High Psat Output Power: +31 dBm
High Gain: 15 dB
High Output IP3: +41 dBm
Supply Voltage: +10 V @ 400 mA
50 Ohm Matched Input/Output
32 Lead 5x5 mm SMT Package: 25 mm²




Similar Part No. - EV1HMC797APM5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EV1HMC7911LP5 AD-EV1HMC7911LP5 Datasheet
497Kb / 24P
17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
EV1HMC7912LP5 AD-EV1HMC7912LP5 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
EV1HMC7950LS6 AD-EV1HMC7950LS6 Datasheet
405Kb / 16P
MMIC Low Noise Amplifier
Sep-2017
EV1HMC798ALC4 AD-EV1HMC798ALC4 Datasheet
484Kb / 26P
24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
6/2018-Revision 0
EV1HMC7992LP3D AD-EV1HMC7992LP3D Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
More results


Similar Description - EV1HMC797APM5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC863LP4E HITTITE-HMC863LP4E_11 Datasheet
961Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC998_1108 HITTITE-HMC998_1108 Datasheet
637Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
logo
Analog Devices
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com