Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS74DJ Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCS74DJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCS74DJ
Download  74HCS74DJ Download
File Size   323.27 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger

74HCS74DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCS74DJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCS74DJ
Download  74HCS74DJ Click to download

File Size   323.27 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger

74HCS74DJ Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCS74DJ Product details

General description
The 74HCS74 is a dual positive edge triggered D-type flip-flop. They have individual data (nD),
clock (nCP), set (nSD) and reset (nRD) inputs, and complementary nQ and nQ outputs. Data at the
nD-input, that meets the set-up and hold time requirements on the LOW-to-HIGH clock transition,
is stored in the flip-flop and appears at the nQ output. Inputs include clamp diodes that enable the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
All inputs are Schmitt-trigger inputs, capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Schmitt-trigger inputs
• Low power consumption
• Typical supply current (ICC) of 100 nA
• Typical input leakage current (II) of ±10 nA
• ±7.8 mA output drive at 6 V
• Symmetrical output impedance
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 class 3A exceeds 4000 V
• CDM ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1500 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCS74DJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCS74D-Q100 NEXPERIA-74HCS74D-Q100 Datasheet
323Kb / 18P
Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
Rev. 1 27 June 2025
74HCS74D-Q100J NEXPERIA-74HCS74D-Q100J Datasheet
323Kb / 18P
Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
Rev. 1 27 June 2025
More results


Similar Description - 74HCS74DJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74ALVC74 PHILIPS-74ALVC74 Datasheet
103Kb / 20P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 May 26
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com