Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2T Datasheet (PDF) - STMicroelectronics

SM2T Datasheet PDF - STMicroelectronics
Part # SM2T
Download  SM2T Download
File Size   39.34 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transient Voltage Suppressor: TRANSIL ?

SM2T Datasheet (PDF)

Go To PDF Page Download Datasheet
SM2T Datasheet PDF - STMicroelectronics

Part # SM2T
Download  SM2T Click to download

File Size   39.34 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transient Voltage Suppressor: TRANSIL ?

SM2T Datasheet (HTML) - STMicroelectronics


SM2T Product details

DESCRIPTION
The SM2T series are Transil diodes designed specifically for portable equipment and miniaturized electronics devices subject to ESD transient overvoltages.
Fully compatible with pick and place equipment and inspectable soldering joints.

FEATURES
■ High Peak pulse power:
    200 W (10/1000 µs )
    1000 W ( 8/20 µs)
■ Stand-off voltage range 5 to 24V
■ Unidirectional types
■ Low clamping factor VCL/VBR
■ Fast response time
■ 1.0mm overall component height




Similar Part No. - SM2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM2T STMICROELECTRONICS-SM2T Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SM2T3V3A STMICROELECTRONICS-SM2T3V3A Datasheet
62Kb / 5P
Low voltage TRANSIL?
10-Oct-2005
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
More results


Similar Description - SM2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
Transil, transient voltage suppressor
21-Nov-2008
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com