Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2T Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM2T
Description  Transient Voltage Suppressor: TRANSIL ?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM2T Datasheet(HTML) 1 Page - STMicroelectronics

  SM2T Datasheet HTML 1Page - STMicroelectronics SM2T Datasheet HTML 2Page - STMicroelectronics SM2T Datasheet HTML 3Page - STMicroelectronics SM2T Datasheet HTML 4Page - STMicroelectronics SM2T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
SM2T series
®
April 2002 - Ed: 1A
Transient Voltage Suppressor: TRANSIL ™
The SM2T series are Transil diodes designed specifically
for portable equipment and miniaturized electronics de-
vices subject to ESD transient overvoltages.
Fully compatible with pick and place equipment and
inspectable soldering joints.
DESCRIPTION
K
A
DO-216AA
(ST mite)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
200
W
P
Power dissipation on infinitive heatsink
Tamb = 100°C
2.5
W
IFSM
Non repetitive surge peak forward current
tp = 10 ms
Tj initial = Tamb
25
A
Tstg
Tj
Storage temperature range
Maximum operating junction temperature
-65to+175
150
°C
TL
Lead solder temperature (10 seconds duration)
260
°C
Note 1: 10/1000 µs pulse waveform.
ABSOLUTE RATINGS (Tamb = 25°C)
s
High Peak pulse power:
200 W (10/1000 µs )
1000 W ( 8/20 µs)
s
Stand-off voltage range 5 to 24V
s
Unidirectional types
s
Low clamping factor V
CL/VBR
s
Fast response time
s
1.0mm overall component height
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
Rth (j-t)
Junction to tab
20
°C/W
Rth (j-a)
Junction to ambient on PCB with recommended pad layout
250
°C/W
THERMAL RESISTANCES


Similar Part No. - SM2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM2T STMICROELECTRONICS-SM2T Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SM2T3V3A STMICROELECTRONICS-SM2T3V3A Datasheet
62Kb / 5P
Low voltage TRANSIL?
10-Oct-2005
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
More results

Similar Description - SM2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
Transil, transient voltage suppressor
21-Nov-2008
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com