Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7177-2 Datasheet (PDF) - Analog Devices

AD7177-2 Datasheet PDF - Analog Devices
Part # AD7177-2
Download  AD7177-2 Download
File Size   986.87 Kbytes
Page   61 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Bit, 10 kSPS, Sigma-Delta ADC with 100 μs Settling and True Rail-to-Rail Buffers

AD7177-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7177-2 Datasheet PDF - Analog Devices

Part # AD7177-2
Download  AD7177-2 Click to download

File Size   986.87 Kbytes
Page   61 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Bit, 10 kSPS, Sigma-Delta ADC with 100 μs Settling and True Rail-to-Rail Buffers

AD7177-2 Datasheet (HTML) - Analog Devices


AD7177-2 Product details

FEATURES
32-bit data output
Fast and flexible output rate: 5 SPS to 10 kSPS
Channel scan data rate of 10 kSPS/channel (100 μs settling)
Performance specifications
19.1 noise free bits at 10 kSPS
20.2 noise free bits at 2.5 kSPS
24.6 noise free bits at 5 SPS
INL: ±1 ppm of FSR
85 dB filter rejection of 50 Hz and 60 Hz with 50 ms settling
User configurable input channels
2 fully differential channels or 4 single-ended channels
Crosspoint multiplexer
On-chip 2.5 V reference (±2 ppm/°C drift)
True rail-to-rail analog and reference input buffers
Internal or external clock
Power supply: AVDD1 − AVSS = 5 V, AVDD2 = IOVDD = 2.5 V
to 5 V
Split supply with AVDD1/AVSS at ±2.5 V
ADC current: 8.4 mA
Temperature range: −40°C to +105°C
3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
Serial port interface (SPI), QSPI, MICROWIRE, and DSP
compatible

APPLICATIONS
Process control: PLC/DCS modules
Temperature and pressure measurement
Medical and scientific multichannel instrumentation
Chromatography




Similar Part No. - AD7177-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
REV. A
AD7177-2 AD-AD7177-2 Datasheet
988Kb / 61P
32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
Rev. B
AD7177-2BRUZ AD-AD7177-2BRUZ Datasheet
956Kb / 59P
32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
REV. A
AD7177-2BRUZ AD-AD7177-2BRUZ Datasheet
988Kb / 61P
32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
Rev. B
AD7177-2BRUZ-RL7 AD-AD7177-2BRUZ-RL7 Datasheet
956Kb / 59P
32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
REV. A
More results


Similar Description - AD7177-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
REV. A
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
REV. A
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
REV. A
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
REV. 0
AD7172-2 AD-AD7172-2 Datasheet
1Mb / 61P
True rail-to-rail analog and reference input buffers
Rev. A
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
ADC with True Rail-to-Rail Buffers
Rev. B
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
Rev. B
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com