Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G07GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G07GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G07GV
Download  74LVC1G07GV Download
File Size   293.86 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Buffer with open-drain output

74LVC1G07GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G07GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G07GV
Download  74LVC1G07GV Click to download

File Size   293.86 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Buffer with open-drain output

74LVC1G07GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G07GV Product details

General description
The 74LVC1G07 is a single buffer with open-drain output. Inputs can be driven from either 3.3 V
or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments. Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and
fall times. This device is fully specified for partial power down applications using IOFF. The IOFF
circuitry disables the output, preventing the potentially damaging backflow current through the
device when it is powered down.
Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power consumption
• IOFF circuitry provides partial Power-down mode operation
• -24 mA output drive (VCC = 3.0 V)
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC1G07GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07GV PHILIPS-74LVC1G07GV Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
74LVC1G07GV NXP-74LVC1G07GV Datasheet
86Kb / 14P
Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07GV NEXPERIA-74LVC1G07GV Datasheet
266Kb / 17P
Buffer with open-drain output
Rev. 16 - 3 February 2022
74LVC1G07GV NEXPERIA-74LVC1G07GV Datasheet
210Kb / 18P
Buffer with open-drain output
Rev. 12 28 November 2016
74LVC1G07GV,125 NEXPERIA-74LVC1G07GV,125 Datasheet
210Kb / 18P
Buffer with open-drain output
Rev. 12 28 November 2016
More results


Similar Description - 74LVC1G07GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
Buffer with open-drain output
2002 Oct 02
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
Buffer with open-drain output
Rev. 08-17 July 2007
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
Buffer with open-drain output
Rev. 7-18 November 2014
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
Buffer with open-drain output
Rev. 5 - 3 February 2022
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
Buffer with open-drain output
Rev. 9 - 11 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com