Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

132 Datasheet (PDF) - Nexperia B.V. All rights reserved

132 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 132
Download  132 Download
File Size   314.31 Kbytes
Page   26 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-channel analog multiplexer/demultiplexer

132 Datasheet (PDF)

Go To PDF Page Download Datasheet
132 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 132
Download  132 Click to download

File Size   314.31 Kbytes
Page   26 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-channel analog multiplexer/demultiplexer

132 Datasheet (HTML) - Nexperia B.V. All rights reserved


132 Product details

General description
The 74LVC1G3157 provides one analog multiplexer/demultiplexer with one digital select
input (S), two independent inputs/outputs (Y0, Y1) and a common input/output (Z).
Schmitt trigger action at the select input makes the circuit tolerant of slower input rise and
fall times across the entire VCC range from 1.65 V to 5.5 V.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 Very low ON resistance:
 7.5  (typical) at VCC = 2.7 V
 6.5  (typical) at VCC = 3.3 V
 6  (typical) at VCC = 5 V
 Switch current capability of 32 mA
 Break-before-make switching
 High noise immunity
 CMOS low power consumption
 TTL interface compatibility at 3.3 V
 Latch-up performance meets requirements of JESD 78 Class I
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Control input accepts voltages up to 5.5 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 132

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132 COILCRAFT-132 Datasheet
90Kb / 1P
Fixed RF Inductors
logo
Vishay Siliconix
132 VISHAY-132 Datasheet
75Kb / 3P
1 5/16"(33.3mm) Low Cost Indeustrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
logo
List of Unclassifed Man...
132 ETC2-132 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Vishay Siliconix
132 VISHAY-132 Datasheet
76Kb / 3P
1 5/16" (33.3 mm) Low Cost Industrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
logo
Keystone Electronics Co...
132 KEYSTONE-132 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
More results


Similar Description - 132

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
2-channel Analog Multiplexer / Demultiplexer
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
2-channel Analog Multiplexer/Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com