Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC810QDYYRQ1 Datasheet (PDF) - Texas Instruments

ADC810QDYYRQ1 Datasheet PDF - Texas Instruments
Part # ADC810QDYYRQ1
Download  ADC810QDYYRQ1 Download
File Size   1485.41 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC810-Q1 Automotive 12-bit, 8 channel 3.3-kSPS SAR ADC and 10 channel I/O Expander with I2C interface

ADC810QDYYRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC810QDYYRQ1 Datasheet PDF - Texas Instruments

Part # ADC810QDYYRQ1
Download  ADC810QDYYRQ1 Click to download

File Size   1485.41 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC810-Q1 Automotive 12-bit, 8 channel 3.3-kSPS SAR ADC and 10 channel I/O Expander with I2C interface

ADC810QDYYRQ1 Datasheet (HTML) - Texas Instruments


ADC810QDYYRQ1 Product details

1 Features
• Combined Serial ADC + IO Expander
- Customizable ADC or Digital I/O pin functionality
• Wide supply range: 1.62V to 3.6V
• I2C to Parallel port expander
• ADC resolution: 12 bits
• Programmable data rate:
128SPS to 3.3kSPS
• Configurable Internal voltage reference
• Internal oscillator
• I2C interface: Two pin-selectable addresses
- 5-V Tolerant
• Up to 10 digital I/Os
• 400kHz Fast I2C Bus
• Internal power-on reset
• ESD Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001 and Charged device model (CDM),
per JEDEC specification JESD22-C101
• Operating temperature range:
–40°C to +125°C




Similar Part No. - ADC810QDYYRQ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
Analog to Digital Converter 8 canali 12 bits
More results


Similar Description - ADC810QDYYRQ1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Linear Technology
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
8-Channel, 12-Bit SAR ADC with IC Interface
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138-Q1 TI1-ADS7138-Q1 Datasheet
1Mb / 81P
ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7138-Q1 TI-ADS7138-Q1_V01 Datasheet
2Mb / 93P
ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com