Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP270 Datasheet (PDF) - CTS Corporation

MP270 Datasheet PDF - CTS Corporation
Part # MP270
Download  MP270 Download
File Size   133.84 Kbytes
Page   5 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Quartz Crystal

MP270 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP270 Datasheet PDF - CTS Corporation

Part # MP270
Download  MP270 Click to download

File Size   133.84 Kbytes
Page   5 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Quartz Crystal

MP270 Datasheet (HTML) - CTS Corporation


MP270 Product details

DESCRIPTION
The MP crystal series offers excellent long-term stability and reliability in a proven resistanceweld metal package. The excellent shock performance makes it suitable for microprocessor, telecommunication, consumer electronic and networking applications.

FEATURES
• Standard HC-49/U Package, HC-49/U SM Package Option Available
• Stable Frequency Over Temperature and Drive Level
• Fundamental and 3rd Overtone Crystals
• Frequency Range 1.8 – 48 MHz
• Frequency Tolerance, ±45 ppm Standard
• Frequency Stability, ±50 ppm Standard
• Operating Temperature, –20°C to +70°C
• Tape & Reel Packaging Available
• RoHS/Green Compliant




Similar Part No. - MP270

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP2733 MPSIND-MP2733 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
MP2733GQC-0000 MPSIND-MP2733GQC-0000 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
MP2733GQC-0001 MPSIND-MP2733GQC-0001 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
MP2733GQC-XXXX MPSIND-MP2733GQC-XXXX Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Similar Description - MP270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com