Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet (PDF) - MPS Industries, Inc.

MP2733 Datasheet PDF - MPS Industries, Inc.
Part # MP2733
Download  MP2733 Download
File Size   1108.53 Kbytes
Page   51 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC

MP2733 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2733 Datasheet PDF - MPS Industries, Inc.

Part # MP2733
Download  MP2733 Click to download

File Size   1108.53 Kbytes
Page   51 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC

MP2733 Datasheet (HTML) - MPS Industries, Inc.


MP2733 Product details

DESCRIPTION
The MP2733 is a 4.5A, highly integrated switchmode
battery charger management device for
single-cell Li-ion or Li-polymer batteries. This
device works with narrow voltage DC (NVDC)
system power path management, and is wellsuited
for a variety of applications, including
smartphones, tablets, wireless cameras, and
other portable devices. Its low-impedance power
path optimizes efficiency, reduces battery
charging time, and extends battery life. The I2C
interface allows the device to be flexibly
controlled with configurable charging and
system settings.
The MP2733 supports a wide range of input
sources, including standard USB host ports and
high-powered wall adapters with fast charge
capabilities. The MP2733 provides USB input
type detection via the DP/DM pins.
The device supports USB On-the-Go (OTG)
operation by supplying 5V on the input bus, with
an output current limit up to 3A.
The MP2733 initiates and completes a charging
cycle without software control. It automatically
detects the battery voltage and charges the
battery in different stages. Charging
automatically terminates when a full charge is
detected. When the charged battery drops below
the recharge threshold, the charger
automatically begins another charging cycle.
The charger provides various safety features for
battery charging and system operations,
including a charging safety timer, battery
temperature monitoring, and over-voltage
protection (OVP), and over-current protection
(OCP). If a fault occurs, the charger asserts an
INT signal to the host. The device provides
BATTFET disable control to enter shipping mode,
as well as system reset functionality via the DISC
pin.

FEATURES
• 3.7V to 16V Operating Input Voltage Range
• Up to 22V Sustainable Voltage
• High-Efficiency, 4.5A, 1.35MHz Buck
Charger with Up to 92% Charge Efficiency
with 3A Charge Current:
o Configurable D+/D- for Flexible Fast
Charge Protocol Support
• USB OTG with 4.8V to 5.5V Adjustable
Output: Up to 3A Output, Up to 93%
Efficiency with 1.5A Output
• NVDC Power Path Management
o Instant-On Works with No Battery or
Deeply Discharged Battery
o Ideal Diode Operation in Battery
Supplement Mode
• High Battery Discharge Efficiency with
14mΩ BATTFET Up to 8.5A
• I2C Interface for Flexible System Parameter
Setting and Status Reporting
• Fully Integrated MOSFETs, Current Sensing
• Dedicated DISC Pin to Control Shipping
Mode and System Reset
• 13μA Low Battery Leakage Current in
Shipping Mode
• Integrated ADC Monitors Input Voltage and
Current, Battery Voltage, Charge Current,
System Voltage, and Battery Temperature
• Charging Status Indicator
• Safety Features: Configurable JEITA for
Battery Temp Protection in Charge Mode,
Battery Charging Safety Timer, Thermal
Regulation and Shutdown, Watchdog
Monitoring I2C, and Input/System OVP
• Available in a QFN-26 (3.5mmx3.5mm)
Package

APPLICATIONS
• Tablet PCs
• Smartphones
• Wireless Cameras
• Other Portable Devices




Similar Part No. - MP2733

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735DQG MPS-MP2735DQG Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735DQG MPS-MP2735DQG Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2736 MPS-MP2736 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2736DQG MPS-MP2736DQG Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Similar Description - MP2733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
logo
Texas Instruments
BQ25620 TI-BQ25620 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25620 TI-BQ25620_V01 Datasheet
3Mb / 84P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
REVISED OCTOBER 2022
BQ25628 TI-BQ25628 Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
BQ25638 TI-BQ25638 Datasheet
776Kb / 12P
BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com