Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 8 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 8 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 4Page - MPS Industries, Inc. MP2733 Datasheet HTML 5Page - MPS Industries, Inc. MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
8
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max Units
Battery Charger
Battery charge voltage
regulation (I2C)
VBATT_REG
Depends on the I2C setting
3.4
4.67
V
Battery charge voltage
regulation accuracy
VBATT_REG_
ACC
REG07h, bits[7:1] = 1010000,
VBATT_REG = 4.2V
-0.5
+0.5
%
REG07h, bits[7:1] = 1011111,
VBATT_REG = 4.35V
REG07h, bits[7:1] = 1100100,
VBATT_REG = 4.4V
Fast charge current (I2C)
ICC
Depends on the I2C setting
320
4520
mA
Fast charge current accuracy
ICC_ACC
ICC, REG05h, bits[6:0] = 0000100,
VBATT = 3.8V
442
500
558
mA
ICC, REG05h,bits[6:0] = 0100110,
VBATT = 3.8V
1739 1850 1951
mA
ICC, REG05h,bits[6:0] = 1000011,
VBATT = 3.8V
2849 3000 3151
mA
ICC, REG05h,bits[6:0] = 1101001,
VBATT = 3.8V
4294 4520 4750
mA
Pre-charge to fast charge
threshold (I2C)
VBATT_PRE
VBATT rising, REG05h, bit[7] = 1
2.8
3.0
3.1
V
Pre-charge to fast charge
hysteresis
VBATT falling
160
mV
Trickle charge to pre-charge
threshold
VBATT_TC
VBATT rising
1.9
2.0
2.1
V
Trickle charge to pre-charge
threshold hysteresis
VBATT falling
50
mV
Trickle-charge current
ITC
VBATT = 1.8V, IPRE, REG06h,bit[4] = 1
185
mA
VBATT = 1.8V, IPRE, REG06h,bit[4] = 0
145
Pre-charge current (I2C)
IPRE
Depends on the I2C setting
150
750
mA
Pre-charge current accuracy
VBATT = 2.6V,
REG06h, bits[7:4] = 0010
182
225
268
mA
Charge termination current
threshold (I2C)
ITERM
Depends on the l2C setting
120
720
mA
Termination current accuracy
VBATT_REG = 4.2V,
REG06h, bits[3:0] = 0110
298
360
422
mA
Charge termination deglitch time
tTERM_DGL
200
ms
Auto-recharge voltage threshold
below VBATT_REG
VRECH
REG07h, bit[0] = 0
110
mV
Auto-recharge deglitch time
tRECH_DGL
200
ms
BATTFET on resistance
RON_Q4
VBATT = 3.8V
14
mΩ
Battery discharge current limit
IDSCHG_LMT
VIN = 0V, VBATT = 3.8V, OTG
disabled, ISYS rising
8.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com