Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 17Page - MPS Industries, Inc. MP2733 Datasheet HTML 18Page - MPS Industries, Inc. MP2733 Datasheet HTML 19Page - MPS Industries, Inc. MP2733 Datasheet HTML 20Page - MPS Industries, Inc. MP2733 Datasheet HTML 21Page - MPS Industries, Inc. MP2733 Datasheet HTML 22Page - MPS Industries, Inc. MP2733 Datasheet HTML 23Page - MPS Industries, Inc. MP2733 Datasheet HTML 24Page - MPS Industries, Inc. MP2733 Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
21
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
• There is no thermistor fault on the NTC pin
• There is no safety timer fault
• The BATTFET is not forced to turn off
The MP2733 provides four main charging
phases: trickle charge, pre-charge, constant
current charge, and constant voltage charge.
Each phase is described below:
Phase 1 (trickle charge): When the input power
qualifies as a good power supply, the MP2733
checks VBATT to determine whether trickle charge
is required. If VBATT is below VBATT_TC (2.0V), a
trickle-charge current is applied on the battery,
which helps reset the protection circuit in the
battery pack. The trickle-charge current can be
set via REG06h, bit[4]. If REG06h, bit[4] is set to
1, the trickle-charge current is 185mA. If
REG06h, bit[4] is set to 0, the trickle-charge
current is 145mA.
Phase 2 (pre-charge): If VBATT exceeds VBATT_TC,
the MP2733 starts to safely pre-charge the
depleted battery until VBATT reaches the pre-
charge to fast charge threshold (VBATT_PRE). If
VBATT_PRE is not reached before the pre-charge
timer (1hr) expires, the charge cycle ends and a
corresponding timeout fault signal is asserted.
The pre-charge current can be configured via the
I2C register REG06h, bits[7:4], and can be set
between 150mA and 750mA.
Phase 3 (constant current charge): If VBATT
exceeds VBATT_PRE set via REG05h, bit[7], the
MP2733 enters a constant current charge (fast
charge) phase. The fast charge current can be
configured up to 3A via REG05h, bits[5:0].
There are two stages of fast charge. First, the
battery FET works linearly to charge the battery
with a fast charge current. Once VBATT exceeds
VSYS_MIN + VBATT_GD, the battery FET fully turns on.
The charge current loop is implemented by the
PWM control of the buck converter.
Phase 4 (constant voltage charge): When VBATT
reaches the configurable float voltage (VBATT_REG)
set via REG07h, bits[7:1], the charge current
begins to taper off.
The charge cycle is considered complete when
the
charge
current
reaches
the
battery
termination threshold (ITERM) set via REG06h,
bits[3:0] after a 200ms termination deglitch time
(assuming that the termination function is
enabled if REG08h, bit[7] is set to 1). If ITERM is
not reached before the safety charge timer
expires (see the Safety Timer section on page
24), the charge cycle ends, and a corresponding
timeout fault signal is asserted.
Figure 6 shows the charging profile.
Trickle Charge
Charge
Current
Battery
Voltage
Pre-Charge
Constant Voltage Charge
CC Fast Charge
Charge Done
VBATT_REG
VBATT_PRE
VBATT_TC
ITC
ITERM
IPRE
ICC
VSYS_REG_MIN
System
Voltage
Figure 6: Battery Charging Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com