Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 44 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 44 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. MP2733 Datasheet HTML 47Page - MPS Industries, Inc. MP2733 Datasheet HTML 48Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
44
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG18h (8)
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
IINLIM/VINMIN_
RESET_EN
0
N
N
N
0: IIN_LIM and VIN_MIN do
not reset when VIN POR
1: IIN_LIM and VIN_MIN reset
when VIN POR
This bit is set to 0 by default.
6
RESERVED
N/A
N/A
N/A
N/A
Reserved.
5
RESERVED
N/A
N/A
N/A
N/A
Reserved.
4
RESERVED
N/A
N/A
N/A
N/A
Reserved.
3
VINOVP_CS
0
N/A
N/A
N/A
0: 16.8V
1: As per
USB_FAST_CHG,
bits[1:0] setting
This bit is set to 0 by default.
2
ADDRESS
0
N/A
N/A
N/A
0: 4Bh
1: 21h
This bit is set to 0 by default.
1
PFM_EN
0
N/A
N/A
N/A
0: Enabled
1: Disabled
Enables
PFM
when
charging is disabled. This bit
is set to 0 by default.
0
RESERVED
N/A
N/A
N/A
N/A
Reserved.
Note:
8) This register is for the one-time programmable (OTP) memory. It is not accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com