Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 37 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 37 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 33Page - MPS Industries, Inc. MP2733 Datasheet HTML 34Page - MPS Industries, Inc. MP2733 Datasheet HTML 35Page - MPS Industries, Inc. MP2733 Datasheet HTML 36Page - MPS Industries, Inc. MP2733 Datasheet HTML 37Page - MPS Industries, Inc. MP2733 Datasheet HTML 38Page - MPS Industries, Inc. MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
37
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG0Bh: INT Mask and USB Detection
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
INT_MASK[1]
1
Y
Y
R/W
0: No INT during safety
timer fault
1: INT during safety
timer fault
This bit is set to 1 by default.
6
INT_MASK[0]
1
Y
Y
R/W
0: No INT during
BAT_FAULT
1: INT in BAT_FAULT
This bit is set to 1 by default.
5
USB_DET_EN
0
Y
Y
R/W
0: No DP/DM detection
1: Force DP/DM
detection
Enables
USB
DP/DM
detection. This bit is set to 0
by default.
4
DM
0
Y
N
R/W
0: 3.3V
1: 0.6V
This bit is set to 0 by default,
and is valid when REG0Bh,
bits[2:1] = 11. It resets to 0
after 1 is written.
3
DP
0
Y
N
R/W
0: 0.6V
1: 3.3V
This bit is set to 0 by default,
and is valid when REG0Bh,
bits[2:1] = 11. It resets to 0
after 1 is written.
2
USB_FAST_
CHG[1]
0
Y
N
R/W
00: DP = 0.6V,
DM = Hi-Z
01: DP = 3.3V,
DM = 0.6V
10: DP = 0.6V,
DM = 0.6V
11: DP = 0.6V,
DM = 3.3V
These bits set the fast charge
value. They are set to 00 by
default. After VIN POR, these
bits return to 00.
1
USB_FAST_
CHG[0]
0
Y
N
R/W
0
USB_FAST_
CHG_RESET
0
Y
N
R/W
0: D+ recovers to
VDP_SRC
1: D+ is pulled down to
zero
Resets USB fast charge by
forcing the DP pin to 0V. This
bit is set to 0 by default. It is
valid in fast charge mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com