Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 15Page - MPS Industries, Inc. MP2733 Datasheet HTML 16Page - MPS Industries, Inc. MP2733 Datasheet HTML 17Page - MPS Industries, Inc. MP2733 Datasheet HTML 18Page - MPS Industries, Inc. MP2733 Datasheet HTML 19Page - MPS Industries, Inc. MP2733 Datasheet HTML 20Page - MPS Industries, Inc. MP2733 Datasheet HTML 21Page - MPS Industries, Inc. MP2733 Datasheet HTML 22Page - MPS Industries, Inc. MP2733 Datasheet HTML 23Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
19
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP2733 is a highly integrated, 4.5A, switch-
mode battery charger IC with narrow voltage DC
(NVDC) power path management for single-cell
Li-ion or Li-polymer battery applications. The
device integrates a reverse blocking FET (Q1), a
high-side MOSFET (Q2), a low-side MOSFET
(Q3), and a battery FET (Q4) between the SYS
and BATT pins.
Power Supply
The
VREF pin’s voltage supplies the internal
bias circuits, as well as the high-side MOSFET
(HS-FET) and low-side MOSFET (LS-FET) gate
drive. The STAT pull-up rail can also be
connected to VREF. The VREF pin has an
internal LDO with two inputs. One input is from
IN, and the other is from a battery. IN and the
battery voltage are connected to the input of the
LDO via a P-channel MOSFET.
Figure 3 shows the VREF power supply circuit.
VREF
Control
LDO
BATT
IN
Figure 3: VREF Power Supply Circuit
Device Start-Up from Input Source
When an input source is plugged in, the MP2733
qualifies the input source before start-up. The
input source must meet both of the following
requirements:
1. VIN > VBATT + VHDRM
2. VIN_UVLO < VIN < VIN_OVLO
If the input power source meets the conditions
above, a good input is detected, and the device
asserts an INT signal to the host. Then the
device detects the input source type via the
DP/DM pins. When DP/DM detection completes,
the status register bit (VIN_STAT) changes and
an INT pulse is sent to the host. Then the device
starts up the step-down converter.
NVDC Power Path Management
The MP2733 employs an NVDC power structure
with the battery FET, decoupling the system
from the battery and thus allowing separate
controls between the system and the battery.
The system is a priority during start-up, even if
the battery is deeply discharged or missing. If the
input power is available with a depleted battery,
the system voltage is regulated to the minimum
system voltage (VSYS_REG_MIN).
Figure 4 shows the NVDC power structure,
which is composed of a front-end, step-down
DC/DC converter and a battery FET placed
between the SYS and BATT pins.
DC/DC
BATFET
Battery
Input
System
Charger IC
Figure 4: NVDC Power Path Management
Structure
The DC/DC converter is a 1.35MHz, step-down
switching regulator that directly drives the
system load and charges the battery through the
battery FET.
The system regulates the voltage in the following
ways:
1.
If the battery voltage (VBATT) drops below
VSYS_MIN, the system voltage is regulated at
VSYS_REG_MIN, which exceeds VSYS_MIN by
VTRACK. The battery FET works linearly to
charge the battery via a trickle charge, pre-
charge, or fast charge current, depending
on VBATT. VSYS_MIN can be set via REG04h,
bits[3:1], and VTRACK can be set via REG04h,
bit[0].
2.
When VBATT exceeds VSYS_MIN + VBATT_GD
(60mV), the battery FET fully turns on, and
the voltage difference between the system
and the battery is the VDS of the BATTFET.
The charge current loop is implemented by
the DC/DC converter
’s PWM control.
3.
If charging is suspended or completed (the
battery FET is off), the system voltage is
always regulated at its maximum value
(VSYS_MIN, VBATT) + VTRACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com