Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 32 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 32 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. MP2733 Datasheet HTML 33Page - MPS Industries, Inc. MP2733 Datasheet HTML 34Page - MPS Industries, Inc. MP2733 Datasheet HTML 35Page - MPS Industries, Inc. MP2733 Datasheet HTML 36Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
32
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG02h: NTC Configuration and Thermal Regulation
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
tSM_DLY
1
Y
Y
R/W
0: No delay
1: 10s delay
This bit sets the shipping
mode entry delay time. It is set
to 1 by default.
6
NTC_TYPE
1
Y
Y
R/W
0: Standard
1: JEITA
This bit is set to 1 by default.
5
EN_OTG_NTC
0
Y
Y
R/W
0: Disabled
1: Enabled
Enables OTG NTC. This bit is
set to 0 by default.
4
EN_CHG_NTC
1
Y
Y
R/W
0: Disabled
1: Enabled
Enables charge NTC. This bit
is set to 1 by default.
3
TJ_REG[1]
1
Y
Y
R/W
00: 60°C
01: 80°C
10: 100°C
11: 120°C
These bits set the thermal
regulation threshold. These
bits are set to 11 by default.
2
TJ_REG[0]
1
Y
Y
R/W
1
NTC_OPTION
0
Y
Y
R/W
0: Battery OTP
1: PCB OTP
NTC OTP selection bit. This
bit is set to 0 by default via the
OTP.
0
AICO_EN
0
Y
N
R/W
0: Disable AICO
1: Enable AICO
Enables
automatic
input
current optimization (AICO).
This bit is set to 0 by default.
REG03h: ADC Control and OTG Configuration
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
ADC_START
0
Y
Y
R/W
0: Disable the ADC
1: Enable the ADC
Enables the ADC. This bit is
set to 0 by default, and is
read-only when ADC_RATE =
1. It remains high during ADC
conversion.
6
ADC_RATE
0
Y
Y
R/W
0: One-shot
conversion
1: Start continuous
conversion
This
bit
sets
the
ADC
conversion rate. It is set to 0
by default.
5
VIN_DSCHG[2]
0
Y
Y
R/W
400mV
This bit sets the On-the-Go
(OTG) voltage. The offset is
4.8V, the default is 5.0V (010),
and the range is 4.8V to 5.5V.
4
VIN_DSCHG[1]
1
Y
Y
R/W
200mV
3
VIN_DSCHG[0]
0
Y
Y
R/W
100mV
2
IIN_DSCHG[2]
0
Y
Y
R/W
000: 0.5A
001: 0.8A
010: 1.1A
011: 1.5A
100: 1.8A
101: 2.1A
110: 2.4A
111: 3.0A
These bits set the On-the-Go
(OTG) current limit. They are
set to 000 by default.
1
IIN_DSCHG[1]
0
Y
Y
R/W
0
IIN_DSCHG[0]
0
Y
Y
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com