Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 39 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 39 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 35Page - MPS Industries, Inc. MP2733 Datasheet HTML 36Page - MPS Industries, Inc. MP2733 Datasheet HTML 37Page - MPS Industries, Inc. MP2733 Datasheet HTML 38Page - MPS Industries, Inc. MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
39
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG0Dh: Fault Indicator
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
WATCHDOG_
FAULT
0
N
N
R
0: Normal
1: Watchdog timer
expiration
This bit is set to 0 by default.
6
OTG_FAULT
0
N
N
R
0: Normal
1: VIN overload, or VIN
over-voltage protection
(OVP), or the battery
has an under-voltage
condition
This bit is set to 0 by default.
5
INPUT_FAULT
0
N
N
R
0: Normal
1: Input OVP or no input
This bit is set to 0 by default.
4
THERMAL_
SHUTDOWN
0
N
N
R
0: Normal
1: Thermal shutdown
This bit is set to 0 by default.
3
BAT_FAULT
0
N
N
R
0: Normal
1: Battery OVP
This bit is set to 0 by default.
2
NTC_FAULT[2]
0
N
N
R
Buck mode
000: Normal
010: NTC warm
011: NTC cool
101: NTC cold
110: NTC hot
Boost mode
000: Normal
101: NTC cold
110: NTC hot
These bits are set to 000 by
default.
1
NTC_FAULT[1]
0
N
N
R
0
NTC_FAULT[0]
0
N
N
R
REG0Eh: Battery Voltage ADC
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VBATT[7]
0
N
N
R
2560mV
These bits set the analog-to-
digital conversion (ADC) of
the battery cell voltage. They
have a 0V offset, and a 0V to
5.1V range.
6
VBATT[6]
0
N
N
R
1280mV
5
VBATT[5]
0
N
N
R
640mV
4
VBATT[4]
0
N
N
R
320mV
3
VBATT[3]
0
N
N
R
160mV
2
VBATT[2]
0
N
N
R
80mV
1
VBATT[1]
0
N
N
R
40mV
0
VBATT[0]
0
N
N
R
20mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com