Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. MP2733 Datasheet HTML 13Page - MPS Industries, Inc. MP2733 Datasheet HTML 14Page - MPS Industries, Inc. MP2733 Datasheet HTML 15Page - MPS Industries, Inc. MP2733 Datasheet HTML 16Page - MPS Industries, Inc. MP2733 Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
13
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5.0V, VBATT = full range, I2C-controlled, ICHG = 1.84A, IIN_LIM = 3.0A, VIN_MIN = 4.3V, L = 1.0μH
(DCR =
14.9mΩ), TA = 25°C, unless otherwise noted.
Battery Charge Curve
VIN = 5V, VBATT_REG = 4.2V, ISYS = 0A
Auto-Recharge
VIN = 5V, VBATT_REG = 4.2V, ISYS = 0A
CH3: VSTAT
CH1: VSYS
CH2: VBATT
CH4: IBATT
CH3: VSTAT
CH1: VSYS
CH2: VBATT
CH4: IBATT
Trickle Charge
VIN = 5V, VBATT = 1.0V, ITC = 145mA
Pre-Charge
VIN = 5V, VBATT = 2.5V, IPRE = 680mA
CH3: VSW
CH1: VSYS
CH2: VBATT
CH4: IBATT
CH3: VSW
CH1: VSYS
CH2: VBATT
CH4: IBATT
Constant Current Charge
VIN = 5V, VBATT = 3.3V, ICC = 1840mA
Constant Current Charge
VIN = 5V, VBATT = 3.8V, ICC = 1840mA
CH3: VSW
CH1: VSYS
CH2: VBATT
CH4: IBATT
CH3: VSW
CH1: VSYS
CH2: VBATT
CH4: IBATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com