Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 3Page - MPS Industries, Inc. MP2733 Datasheet HTML 4Page - MPS Industries, Inc. MP2733 Datasheet HTML 5Page - MPS Industries, Inc. MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
7
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Step-Down Converter
Input voltage
VIN
3.7
16
V
Input suspend current
IIN_SUS
VIN > VIN_UVLO, VIN > VBATT,
suspend mode, EN_HIZ = 1
1
1.5
mA
Input quiescent current
IIN_Q
VIN > VIN_UVLO, VIN > VBATT,
VBATT = 3.6V, converter switching,
ISYS = 0A
4
Input under-voltage
lockout (UVLO) threshold
VIN_UVLO
VIN falling
3
3.2
V
Input UVLO threshold
hysteresis
VIN rising
200
mV
Input vs. battery voltage
headroom
VHDRM
VIN rising
230
300
370
mV
VIN falling
120
190
260
mV
Input over-voltage
protection (OVP)
threshold
VIN_OVLO
VIN rising
5.8
6
6.3
V
VIN rising, for VIN > 5V
16.2
16.7
17.2
Input OVP threshold
hysteresis
VIN falling
380
mV
Internal reverse blocking
MOSFET on resistance
RON_Q1
Measure from IN to PMID
20
mΩ
High-side MOSFET (HS-
FET) on resistance
RON_Q2
Measure from PMID to SW
25
mΩ
Low-side MOSFET (LS-
FET) on resistance
RON_Q3
Measure from SW to PGND
25
mΩ
Switching frequency
fSW
VBATT = 3.7V, ICHG = 2A,
REG0Ah, bit[7] = 0
1.1
1.35
1.6
MHz
SYS Output
Minimum system
regulation voltage (I2C)
VSYS_REG_MIN
VSYS_MIN + VTRACK, ISYS = 0,
VBATT = 3.4V, REG04h, bits[3:1] =
110, REG04h, bit[0] = 1
3.82
V
Battery tracking voltage
VTRACK
REG04h, bit[0] = 0
100
mV
REG04h, bit[0] = 1
150
mV
Ideal diode forward
voltage in supplement
mode
VFWD
10mA discharge current
20
mV
SYS vs. BATT
comparator
VSYS_GT_BATT VSYS falling to enter ideal diode mode
-20
mV
SYS vs. BATT
comparator hysteresis
VSYS rising to exit ideal diode mode
50
mV
Battery good comparator
(threshold compared with
VSYS_MIN)
VBATT_GD
VBATT rising to the BATTFET being
fully turned on
60
mV
Battery good comparator
hysteresis
VBATT falling
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com