Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 29 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 29 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 25Page - MPS Industries, Inc. MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. MP2733 Datasheet HTML 33Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
29
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
S
1 bit
Slave Address
0
7 bits
1 bit
A
1 bit
Register Address
8 bits
A
1 bit
Data
8 bits
A
1 bit
P
1 bit
From Master to
Slave
From Slave to
Master
A = Acknowledge (SDA Low)
S = Start
P = Stop
Figure 15: Single Write
S
1 bit
Slave Address
0
7 bits
1 bit
A
1 bit
Register Address
8 bits
A
1 bit
Data
8 bits
/A
1 bit
P
1 bit
From Master to Slave
From Slave to Master
A = Acknowledge (SDA Low)
S = Start
P = Stop
/A = Not Acknowledge (SDA High)
S
Slave Address
1
A
1 bit
7 bits
1 bit 1 bit
Figure 16: Single Read
S
1 bit
Slave Address
0
7 bits
1 bit
A
1 bit
Register Address
8 bits
A
1 bit
Data at Addr
8 bits
A
1 bit
From Master to
Slave
From Slave to
Master
A = Acknowledge (SDA Low)
S = Start
P = Stop
Data at Addr + 1
8 bits
A
1 bit
Data at Addr + n
8 bits
A
1 bit
P
1 bit
Figure 17: Multi-Write
S
1 bit
Slave Address
0
7 bits
1 bit
A
1 bit
Register Address
8 bits
A
1 bit
From Master to Slave
From Slave to Master
A = Acknowledge (SDA Low)
S = Start
P = Stop
/A = Not Acknowledge (SDA High)
S
Slave Address
1
A
1 bit
7 bits
1 bit 1 bit
Data at Addr
8 bits
A
1 bit
Data at Addr + 1
8 bits
A
1 bit
Data at Addr + n
8 bits
/A
1 bit
P
1 bit
Figure 18: Multi-Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com