Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 33 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 33 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. MP2733 Datasheet HTML 33Page - MPS Industries, Inc. MP2733 Datasheet HTML 34Page - MPS Industries, Inc. MP2733 Datasheet HTML 35Page - MPS Industries, Inc. MP2733 Datasheet HTML 36Page - MPS Industries, Inc. MP2733 Datasheet HTML 37Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
33
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG04h: Charge Control and VSYS Configuration
Bit
Name
POR
Reset by
REG_RST
Reset
by
WTD
R/W
Description
Comment
7
BAT_LOADEN
0
Y
Y
R/W
0: Disable IBATLOAD
1: Enable IBATLOAD
Enables the battery load. This
bit is set to 0 by default.
6
STAT_EN
1
Y
Y
R/W
0: Disabled
1: Enabled
Enables the STAT pin. This bit
is set to 1 by default.
5
CHG_
CONFIG[1]
0
Y
Y
R/W
00: Charge disabled
01: Charge enabled
10: Reserved
11: On-the-Go (OTG)
Charge configuration bit. It is
set to 01 by default.
4
CHG_
CONFIG[0]
1
Y
Y
R/W
3
VSYS_MIN[2]
1
Y
N
R/W
000: 3V
001: 3.15
010: 3.3V
011: 3.45V
100: 3.525V
101: 3.6V
110: 3.675V
111: 3.75V
These bits set the minimum
system voltage. They have a
3V offset, 3V to 3.75V range,
and are set to 101 by default.
2
VSYS_MIN[1]
0
Y
N
R/W
1
VSYS_MIN[0]
1
Y
N
R/W
0
VTRACK[0]
1
Y
N
R/W
0: 100mV
1: 150mV
Battery track voltage bit. It is
set to 1 by default.
REG05h: Charge Current Configuration
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VBATT_PRE
1
Y
Y
R/W
0: 2.8V
1: 3.0V
This bit sets the pre-charge to
fast charge threshold. It is set
to 1 by default.
6
ICC[6]
0
Y
Y
R/W
2560mA
These bits set the fast charge
current. They have a 320mA
offset,
320mA
to
4520mA
range, and are set to 0100110
(1840mA) by default.
5
ICC[5]
1
Y
Y
R/W
1280mA
4
ICC[4]
0
Y
Y
R/W
640mA
3
ICC[3]
0
Y
Y
R/W
320mA
2
ICC[2]
1
Y
Y
R/W
160mA
1
ICC[1]
1
Y
Y
R/W
80mA
0
ICC[0]
0
Y
Y
R/W
40mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com