Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2733 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP2733 Datasheet HTML 1Page - MPS Industries, Inc. MP2733 Datasheet HTML 2Page - MPS Industries, Inc. MP2733 Datasheet HTML 3Page - MPS Industries, Inc. MP2733 Datasheet HTML 4Page - MPS Industries, Inc. MP2733 Datasheet HTML 5Page - MPS Industries, Inc. MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
3
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP2733GQC-xxxx**
QFN-26 (3.5mmx3.5mm)
See Below
1
MP2733GQC-0000
MP2733GQC-0001
* For Tape & Reel, add suffix -Z (e.g. MP2733GQC-xxxx-Z).
**“xxxx” is the register setting option. The factory default code for general applications is “0000”. The factory
default code for solar or MPPT applications is “0001”. This content can be viewed in the I2C Register Map on
page 31 and OTP Map on page 46. Contact
an MPS FAE to obtain an “xxxx” value.
TOP MARKING
BQE: Product code of MP2733GQC
Y: Year code
W: Week code
LLLLL: Lot number
EVALUATION KIT EVKT-MP2733
EVKT-MP2733 kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
EV2733-QC-00A
MP2733 evaluation board
1
2
EVKT-USBI2C-02-BAG
Includes one USB to I2C communication interface, one USB cable,
and one ribbon cable
1
3
Online resources
Include datasheet, user guide, product brief, and GUI
1
Order directly from MonolithicPower.com or our distributors.
USB to I
2C
Communication
Interface
USB Cable
Ribbon Cable
Input Power
Supply
EV2733-QC-00A
Load
Input
Output
GUI
Figure 1: EVKT-MP2733 Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com