Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-RS485-PCBA Datasheet (PDF) - Future Technology Devices International Ltd.

USB-RS485-PCBA Datasheet PDF - Future Technology Devices International Ltd.
Part # USB-RS485-PCBA
Download  USB-RS485-PCBA Download
File Size   435.32 Kbytes
Page   17 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-RS485-PCBA Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-RS485-PCBA Datasheet PDF - Future Technology Devices International Ltd.

Part # USB-RS485-PCBA
Download  USB-RS485-PCBA Click to download

File Size   435.32 Kbytes
Page   17 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-RS485-PCBA Datasheet (HTML) - Future Technology Devices International Ltd.


USB-RS485-PCBA Product details

1 Description
The USB-RS485-PCB is a USB to RS485 level serial UART converter PCB incorporating FTDI‟s FT232RQ
USB to Serial UART interface IC device which handles all the USB signalling and protocols. The PCB
provides a fast, simple way to connect devices with a RS485 interface to USB.
Each USB-RS485-PCB contains a small internal electronic circuit board, utilising the FT232R plus a USB
type-A connector. The FT232R datasheet, DS_FT232R, is available at http://www.ftdichip.com. The
integrated electronics also include an RS485 transceiver plus Tx and Rx LEDs which give a visual
indication of UART traffic.
The PCB is USB powered and USB 2.0 full speed compatible. Each PCB supports a data transfer rate up to
3 Mbaud and supports the FTDIChip-ID™, with a unique USB serial number programmed into the
FT232R. This feature can be used to create a security or password protected file transfer access using the
PCB. Further information and examples on this feature are available at http://www.ftdichip.com under
FTDIChip-ID Projects.
The USB-RS485-PCB requires USB drivers, available free from http://www.ftdichip.com, which are
used to make the FT232R on the PCB appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another
FTDI USB driver, the D2XX driver, can also be used with application software to directly access the
FT232R on the PCB though a DLL. This is illustrated in the Figure 1.1.
2 Typical Applications USB to Serial RS485 Level Converter. Upgrading Legacy Peripherals to USB. Interface Microcontroller UART or I/O to USB. Interface FPGA / PLD to USB.
USB Instrumentation PC interface. USB Industrial Control. USB password protected file transfers.
2.2 Features USB-RS485-PCB provides a USB to RS485 Serial UART interface. Entire USB protocol handled by the electronics on the PCB. EIA/TIA-485 interface with low power requirements. UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity. Data transfer rates up from 300 baud to 3 Mbaud. Internal EEPROM with user writeable area. FTDI‟s royalty-free VCP allow for communication as a standard emulated COM port and D2XX „direct‟ drivers provide DLL application programming interface. Support for FT232R FTDIChip-ID™ feature for improved security. PCB is USB Powered – no external supply required. X-On / X-Off software handshaking Low USB bandwidth consumption. UHCI / OHCI / EHCI host controller compatible. USB 2.0 Full Speed compatible. -40°C to +85°C operating temperature range. RoHS compliant ESD Protection for RS-485 I/O‟s
±15kV Human Body Model (HBM)
±15kV EN61000-4-2 Air Gap Discharge
±8kV EN61000-4-2 Contact Discharge




Similar Part No. - USB-RS485-PCBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-RS485-CC-LLLL-CU- ETC2-USB-RS485-CC-LLLL-CU- Datasheet
513Kb / 16P
2 Cable Part Numbers
logo
Future Technology Devic...
USB-RS485-CC-LLLL-CU-X FTDI-USB-RS485-CC-LLLL-CU-X Datasheet
512Kb / 16P
Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
USB-RS485-CC-LLLL-CUX FTDI-USB-RS485-CC-LLLL-CUX Datasheet
513Kb / 16P
Serial Converter Cable
USB-RS485-WE FTDI-USB-RS485-WE Datasheet
513Kb / 16P
Serial Converter Cable
USB-RS485-WE FTDI-USB-RS485-WE Datasheet
512Kb / 16P
Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
More results


Similar Description - USB-RS485-PCBA

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com