Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2172 Datasheet (PDF) - Analog Devices

UG-2172 Datasheet PDF - Analog Devices
Part # UG-2172
Download  UG-2172 Download
File Size   1615.41 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LT3078 5A, Ultra-Low Noise, High PSRR, 55 mV Dropout Ultra-Fast Linear Regulator

UG-2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2172 Datasheet PDF - Analog Devices

Part # UG-2172
Download  UG-2172 Click to download

File Size   1615.41 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LT3078 5A, Ultra-Low Noise, High PSRR, 55 mV Dropout Ultra-Fast Linear Regulator

UG-2172 Datasheet (HTML) - Analog Devices


UG-2172 Product details

FEATURES
► Input voltage range: 0.6 V to 5.5 V
► BIAS voltage range: 2.375 V to 5.5 V
► Jumpers program output voltage according to selection matrix:
0.5 V to 4.2 V
► Maximum output current: 5 A
► BNC connectors for noise and PSRR measurement
► Jumper and resistor combinations select either 5.5 A or 2.5
A output current limit and commensurate monitoring or disable
programmed current limit and monitoring
► Jumper turns regulator on or off
► Terminals provide output current, temperature, and output regulation
status monitoring
► Jumper to margin output voltage ±2.5%
► The VIOC pin of the LT3078 manages power dissipation and
PSRR
► Banana jacks minimize VIN and VOUT connection voltage drops




Similar Part No. - UG-2172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2171 AD-UG-2171 Datasheet
1Mb / 7P
Evaluation of the ADRF5717 Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
Rev. 0
UG-2173 AD-UG-2173 Datasheet
808Kb / 9P
Evaluation of the ADRF5714 Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz
Rev. 0
UG-2174 AD-UG-2174 Datasheet
3Mb / 18P
Evaluation Board for the ADE9113 Isolated Sigma Delta ADC with SPI
Rev. 0
More results


Similar Description - UG-2172

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3073 AD-LT3073 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com