Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6388 Datasheet (PDF) - List of Unclassifed Manufacturers

2N6388 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2N6388
Download  2N6388 Download
File Size   207.55 Kbytes
Page   6 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Darlington Power Transistor

2N6388 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6388 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2N6388
Download  2N6388 Click to download

File Size   207.55 Kbytes
Page   6 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Darlington Power Transistor

2N6388 Datasheet (HTML) - List of Unclassifed Manufacturers


2N6388 Product details

[multicomp]

Darlington silicon power transistors are designed for general-purpose amplifier and low speed switching applications.
   
Features:
• Collector-Emitter Sustaining Voltage
    VCEO(sus) = 80V (Minimum).
• Collector-Emitter Saturation Voltage
    VCE(sat) = 2.0V (Maximum) at IC = 5.0A.
• DC Current Gain hFE = 2500 (Typical) at IC = 4.0A.
   




Similar Part No. - 2N6388

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6388 MOSPEC-2N6388 Datasheet
160Kb / 3P
POWER TRANSISTORS(65W)
logo
ON Semiconductor
2N6388 ONSEMI-2N6388 Datasheet
164Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6388 STMICROELECTRONICS-2N6388 Datasheet
49Kb / 4P
SILICON NPN POWER DARLINGTON TRANSISTOR
Apr-1999
logo
Boca Semiconductor Corp...
2N6388 BOCA-2N6388 Datasheet
167Kb / 3P
DARLINGTON SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6388 CENTRAL-2N6388 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results


Similar Description - 2N6388

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4351 NEC-2SC4351 Datasheet
110Kb / 6P
DARLINGTON POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
FMMT634 KEXIN-FMMT634 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
logo
Renesas Technology Corp
2SA1840 RENESAS-2SA1840 Datasheet
275Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SC4810 RENESAS-2SC4810 Datasheet
272Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SD1592 RENESAS-2SD1592 Datasheet
240Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
2SD1843 RENESAS-2SD1843 Datasheet
202Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com