Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT734TA Datasheet (PDF) - Diodes Incorporated

FMMT734TA Datasheet PDF - Diodes Incorporated
Part # FMMT734TA
Download  FMMT734TA Download
File Size   85.83 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description POWER DARLINGTON TRANSISTOR

FMMT734TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT734TA Datasheet PDF - Diodes Incorporated

Part # FMMT734TA
Download  FMMT734TA Click to download

File Size   85.83 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description POWER DARLINGTON TRANSISTOR

FMMT734TA Datasheet (HTML) - Diodes Incorporated


FMMT734TA Product details

Features
• BVCEO > -100V
• IC = -800mA High Continuous Collector Current
• Darlington Transistor hFE > 20k @ 100mA for High Gain
• High Gain Hold-Up to 5A
• 625mW Power Dissipation
• Complementary Darlington NPN Type: FMMT634
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT734TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT734 ZETEX-FMMT734 Datasheet
74Kb / 3P
PNP SILICON POWER DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734 DIODES-FMMT734 Datasheet
85Kb / 3P
?쏶UPER SOT??SOT23 PNP SILICON POWER DARLINGTON TRANSISTOR
AUGUST 1997
More results


Similar Description - FMMT734TA

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4351 NEC-2SC4351 Datasheet
110Kb / 6P
DARLINGTON POWER TRANSISTOR
logo
List of Unclassifed Man...
2N6388 ETC2-2N6388 Datasheet
207Kb / 6P
Darlington Power Transistor
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
FMMT634 KEXIN-FMMT634 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Renesas Technology Corp
2SA1840 RENESAS-2SA1840 Datasheet
275Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SC4810 RENESAS-2SC4810 Datasheet
272Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SD1592 RENESAS-2SD1592 Datasheet
240Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
2SD1843 RENESAS-2SD1843 Datasheet
202Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com