Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW30T60M3DF Datasheet (PDF) - Nexperia B.V. All rights reserved

NGW30T60M3DF Datasheet PDF - Nexperia B.V. All rights reserved
Part # NGW30T60M3DF
Download  NGW30T60M3DF Download
File Size   258.63 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 600 V, 30 A trench field-stop IGBT with full rated silicon diode

NGW30T60M3DF Datasheet (PDF)

Go To PDF Page Download Datasheet
NGW30T60M3DF Datasheet PDF - Nexperia B.V. All rights reserved

Part # NGW30T60M3DF
Download  NGW30T60M3DF Click to download

File Size   258.63 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 600 V, 30 A trench field-stop IGBT with full rated silicon diode

NGW30T60M3DF Datasheet (HTML) - Nexperia B.V. All rights reserved


NGW30T60M3DF Product details

General description
The NGW30T60M3DF is a robust Insulated-Gate Bipolar Transistor (IGBT) featuring
third-generation technology. It combines carrier stored trench-gate and field-stop (FS) structures.
The NGW30T60M3DF is rated to 175 °C with optimized IGBT turn-off losses, and has a short
circuit withstand time of 5 μs. This hard-switching 600 V, 30 A IGBT is optimized for high-voltage,
low-frequency industrial power inverter and servo motor drive applications.
Features and benefits
• Collector current (IC) rated at 30 A
• Low conduction and switching losses
• Stable and tight parameters for easy parallel operation
• Maximum junction temperature of 175 °C
• Fully rated as a soft fast reverse recovery diode
• 5 μs short circuit withstand time
• RoHS compliant, lead-free plating
Applications
• Motor drives for industrial and consumer appliances
• Servo motors operating between 5-20 kW (up to 20 kHz) for robotics, elevators, operating
grippers, in-line manufacturing, etc.
• Power inverters
• Uninterruptible Power Supply (UPS) inverter
• Photovoltaic (PV) strings
• EV charging
• Induction heating
• Welding




Similar Part No. - NGW30T60M3DF

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
Super high brightness surface mount LED
logo
Nexperia B.V. All right...
NGW40T65M3DFP NEXPERIA-NGW40T65M3DFP Datasheet
263Kb / 16P
650 V, 40 A trench field-stop IGBT with full rated silicon diode
Rev. 1 - 28 June 2024
NGW50T65H3DFP NEXPERIA-NGW50T65H3DFP Datasheet
367Kb / 16P
650 V, 50 A high speed trench field-stop IGBT with full rated silicon diode
Rev. 1 - 28 June 2024
NGW75T65H3DF NEXPERIA-NGW75T65H3DF Datasheet
261Kb / 16P
650 V ,75 A high speed trench field-stop IGBT with full rated silicon diode
Rev. 1 28 June 2024
NGW75T65H3DFQ NEXPERIA-NGW75T65H3DFQ Datasheet
261Kb / 16P
650 V ,75 A high speed trench field-stop IGBT with full rated silicon diode
Rev. 1 28 June 2024
More results


Similar Description - NGW30T60M3DF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
600 V, 40 A Field Stop IGBT
logo
STMicroelectronics
STGW50H60DF STMICROELECTRONICS-STGW50H60DF Datasheet
1Mb / 12P
50 A, 600 V field stop trench gate IGBT with Ultrafast diode
26-Jul-2012
logo
Fairchild Semiconductor
FGA3060ADF FAIRCHILD-FGA3060ADF Datasheet
1Mb / 9P
600 V, 30 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
04-Nov-2016
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com