Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEVB-NPS4053 Datasheet (PDF) - Nexperia B.V. All rights reserved

NEVB-NPS4053 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NEVB-NPS4053
Download  NEVB-NPS4053 Download
File Size   1064.56 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NEVB-NPS4053 load switch evaluation board

NEVB-NPS4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
NEVB-NPS4053 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NEVB-NPS4053
Download  NEVB-NPS4053 Click to download

File Size   1064.56 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NEVB-NPS4053 load switch evaluation board

NEVB-NPS4053 Datasheet (HTML) - Nexperia B.V. All rights reserved


NEVB-NPS4053 Product details

1.2. Features
Input voltage can be supplied via the test points J1 (VIN), VIN can range from 2.5 V to 5.5 V.
A test load can be connected to terminal J3 (VOUT).
Alternatively, there are GND test points at TP6, TP7, TP8, and TP9.
Decouplingcapacitors are connected to VIN at the input of the EVB and close to the load switch
IC. The same holds for the output.
The enable pin (ON) has a smart pull-down resistor built in which disables the load switch if the
enable pin is not terminated. For an activated load switch, the pull-down resistor is decoupled.
This avoids current flowing through a pull-down that is not needed for the high state of the
control input.
VIN_Sense (TP1) and VOUT_Sense (TP5) are used when accurate measurements of the input
or output are required. Make RON measurements using these Kelvin sense connections when
measuring the voltage drop from VIN to VOUT.




Similar Part No. - NEVB-NPS4053

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NEVB-NPS4001 NEXPERIA-NEVB-NPS4001 Datasheet
1Mb / 12P
load switch evaluation board
Rev. 1.0 19 February 2024
NEVB-NPS4069 NEXPERIA-NEVB-NPS4069 Datasheet
1Mb / 12P
load switch evaluation board
Rev. 1.0 19 February 2024
More results


Similar Description - NEVB-NPS4053

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Microchip Technology
PS2070 MICROCHIP-PS2070 Datasheet
175Kb / 10P
Switch Mode Charger Evaluation Board
2005
KSZ9897 MICROCHIP-KSZ9897 Datasheet
37Kb / 1P
KSZ9897 Switch Evaluation Board with LAN7801 & KSZ9031
3/29/2017
logo
Monolithic Power System...
EV4816A-G-00A MPS-EV4816A-G-00A Datasheet
232Kb / 5P
180V, 16-Channel Analog Switch Evaluation Board
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com