Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200A Datasheet (PDF) - E-SWITCH

200A Datasheet PDF - E-SWITCH
Part # 200A
Download  200A Download
File Size   401.29 Kbytes
Page   4 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description TOGGLE SWITCHES - PROCESS SEALED SUB-MINIATURE

200A Datasheet (PDF)

Go To PDF Page Download Datasheet
200A Datasheet PDF - E-SWITCH

Part # 200A
Download  200A Click to download

File Size   401.29 Kbytes
Page   4 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description TOGGLE SWITCHES - PROCESS SEALED SUB-MINIATURE

200A Datasheet (HTML) - E-SWITCH


200A Product details

FEATURES & BENEFITS
Variety of switching functions
Sub-miniature
Multiple actuator & bushing options
Sealed to IP67




Similar Part No. - 200A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
8.0 x 3.8mm Watch crystal
01/02/2017
logo
AVX Corporation
200A0R1BCA150XT AVX-200A0R1BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R2BCA150XT AVX-200A0R2BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R3BCA150XT AVX-200A0R3BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
More results


Similar Description - 200A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
Sealed Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
Sealed Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
logo
C&K Components
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
Sealed Miniature Toggle Switches
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
Sealed Miniature Toggle Switches
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com