Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVP Datasheet (PDF) - E-SWITCH

PVP Datasheet PDF - E-SWITCH
Part # PVP
Download  PVP Download
File Size   1400.42 Kbytes
Page   9 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PVP Series Anti-vandal Switch Socket

PVP Datasheet (PDF)

Go To PDF Page Download Datasheet
PVP Datasheet PDF - E-SWITCH

Part # PVP
Download  PVP Click to download

File Size   1400.42 Kbytes
Page   9 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PVP Series Anti-vandal Switch Socket

PVP Datasheet (HTML) - E-SWITCH


PVP Product details

Specifications
Features & Benefits
Features & Benefits
• PVP3 both solder lug and wired socket are compatible with PV3 Series switches featuring SPDT, DPDT, non illuminated, or
LED illuminated options
• PVPB3 wired socket is compatible with PVB3 Series switches featuring SPDT, non illuminated, LED, or RGB illuminated
options
• PVP4 both solder lug and wired socket are compatible with PV4 Series switches featuring SPDT, DPDT, non illuminated, or
LED illuminated options
• PVP7 both solder lug and wired socket are compatible with PV7 Series switches featuring SPDT non illuminated, or LED
illuminated options
• PVP8 wired socket is compatible with PV8, PV9, and PV10 Series switches featuring SPDT, DPDT, non illuminated, or LED
illuminated options
• Wire, 22 AWG AWM UL1007
• Wire length 140.0 [5.5 in]




Similar Part No. - PVP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVP-2150 ETC1-PVP-2150 Datasheet
181Kb / 2P
pin assignment
logo
LEMO Connectors
PVP.0M.303.XLM LEMO-PVP.0M.303.XLM Datasheet
78Kb / 4P
M - Rugged Ratchet coupling
PVP.0M.305.XLP LEMO-PVP.0M.305.XLP Datasheet
78Kb / 4P
M - Rugged Ratchet coupling
PVP.0V.250.CLLC30 LEMO-PVP.0V.250.CLLC30 Datasheet
67Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
PVP.0V.250.CLLC45 LEMO-PVP.0V.250.CLLC45 Datasheet
67Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
More results


Similar Description - PVP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com