Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVP Datasheet(PDF) 6 Page - E-SWITCH

Part # PVP
Description  PVP Series Anti-vandal Switch Socket
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVP Datasheet(HTML) 6 Page - E-SWITCH

  PVP Datasheet HTML 1Page - E-SWITCH PVP Datasheet HTML 2Page - E-SWITCH PVP Datasheet HTML 3Page - E-SWITCH PVP Datasheet HTML 4Page - E-SWITCH PVP Datasheet HTML 5Page - E-SWITCH PVP Datasheet HTML 6Page - E-SWITCH PVP Datasheet HTML 7Page - E-SWITCH PVP Datasheet HTML 8Page - E-SWITCH PVP Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.e-switch.com
800.867.2717
6
PVP Series Anti-vandal Switch Socket
PVP4 Wired
Socket
SHEET OF
4
8
4/23/2019
PVP Catalog Drawing
** WIRE LEADS PROVIDED ARE DEPENDANT ON THE FUNCTION AND/OR **
ILLUMINATION SELECTED
BOTTOM VIEW
SHOWN WITHOUT
WIRING
PVP4 WIRED
ADAPTER
WIRE
LENGTH
SW1-1
WIRE, 22 AWG AWM UL1007, YELLOW
140.0 [5.5 in]
SW1-2
WIRE, 22 AWG AWM UL1007, BLUE
140.0 [5.5 in]
SW1-3
WIRE, 22 AWG AWM UL1007, GREEN
140.0 [5.5 in]
SW1-4
WIRE, 22 AWG AWM UL1007, PURPLE
140.0 [5.5 in]
SW1-5
WIRE, 22 AWG AWM UL1007, ORANGE 140.0 [5.5 in]
SW1-6
WIRE, 22 AWG AWM UL1007, WHITE
140.0 [5.5 in]
SW1- (+)
WIRE, 22 AWG AWM UL1007, RED
140.0 [5.5 in]
SW1- (-)
WIRE, 22 AWG AWM UL1007, BLACK
140.0 [5.5 in]
TERMINAL 6
(-)
TERMINAL 5
TERMINAL 4
TERMINAL 1
TERMINAL 2
(+)
TERMINAL 3
140.05.0
5.5.2 in
[
]
17.60
[.693 in]
16.00
[.630 in]
25.4
[1.0 in]
(
)
DPDT ILLUMINATED OPTION SHOWN
LED (+) AND (-) TERMINALS/WIRING ARE NOT INCLUDED ON THE
NON ILLUMINATED OPTION
TERMINALS/WIRING 4, 5, AND 6 ARE NOT ON THE SPDT VERSION
CIRCUIT S IS SPDT
CIRCUIT D IS DPDT
4.0
[.2 in]
(
)
15.02.0
.6.1 in
[
]
WIRE TIE
HEATSHRINK OVER
SOLDERED CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com