Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20TDC22MB2 Datasheet (PDF) - Panasonic Semiconductor

20TDC22MB2 Datasheet PDF - Panasonic Semiconductor
Part # 20TDC22MB2
Download  20TDC22MB2 Download
File Size   984.08 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Conductive Polymer Tantalum Solid Capacitors

20TDC22MB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
20TDC22MB2 Datasheet PDF - Panasonic Semiconductor

Part # 20TDC22MB2
Download  20TDC22MB2 Click to download

File Size   984.08 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Conductive Polymer Tantalum Solid Capacitors

20TDC22MB2 Datasheet (HTML) - Panasonic Semiconductor


20TDC22MB2 Product details

Features
● Guaranteed at 125 °C 1000 h
● High voltage (35 V max.)
● RoHS compliance, Halogen free




Similar Part No. - 20TDC22MB2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
20TDC22MB2 PANASONIC-20TDC22MB2 Datasheet
1Mb / 5P
Conductive Polymer Tantalum
08-May-25
More results


Similar Description - 20TDC22MB2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETCE680MCL PANASONIC-ETCE680MCL Datasheet
57Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
Conductive Polymer Tantalum Solid Capacitors
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
TPE PANASONIC-TPE Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TLE PANASONIC-TLE Datasheet
805Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
09-Jul-21
073020 PANASONIC-073020 Datasheet
501Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com