Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ305 Datasheet (PDF) - Panasonic Semiconductor

ALQ305 Datasheet PDF - Panasonic Semiconductor
Part # ALQ305
Download  ALQ305 Download
File Size   232.58 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1 Form A/1 Form C 10A Small power relays

ALQ305 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALQ305 Datasheet PDF - Panasonic Semiconductor

Part # ALQ305
Download  ALQ305 Click to download

File Size   232.58 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1 Form A/1 Form C 10A Small power relays

ALQ305 Datasheet (HTML) - Panasonic Semiconductor


ALQ305 Product details

FEATURES
1. Miniature size and small: 10(W) ×
20(L) × 16(H) mm .394(W) × .787(L) ×
.630(H) inch
2. Compact with high capacity:
1 Form A and 1 Form C, 10 A
3. Class “F” coil is available
4. Contact rating at 105°C 221°F is
approved by UL/C-UL (Class “F” coil
only)
Please refer to “SAFETY
STANDARDS” about the detail of
contact rating.
5. Surge 8,000 V, High breakdown
voltage 4,000 V (Between contact
and coil)

TYPICAL APPLICATIONS
1. Home appliances
• Refrigerators
• Cooking ovens
• Washing machine
• Air conditioners
2. Industrial equipment
• Motor control
• Robot
• Power supply




Similar Part No. - ALQ305

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALQ305 PANASONIC-ALQ305 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
ALQ305 PANASONIC-ALQ305 Datasheet
259Kb / 13P
Compliant with IEC/EN60335-1*1*2 /EN60079-15*3 1 Form A/1 Form C 10 A small power relays
2024.05
ALQ305 PANASONIC-ALQ305 Datasheet
364Kb / 12P
Compliant with IEC/EN60335-1*1 *2 /EN60079-15*3 (VDE approved) 1 Form A/1 Form C 10A small power relays
2023.01
More results


Similar Description - ALQ305

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
1 Form C
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
PBH TEC-PBH Datasheet
225Kb / 2P
1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com