Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ309 Datasheet (PDF) - Panasonic Semiconductor

ALQ309 Datasheet PDF - Panasonic Semiconductor
Part # ALQ309
Download  ALQ309 Download
File Size   259.44 Kbytes
Page   13 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Compliant with IEC/EN60335-1*1*2 /EN60079-15*3 1 Form A/1 Form C 10 A small power relays

ALQ309 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALQ309 Datasheet PDF - Panasonic Semiconductor

Part # ALQ309
Download  ALQ309 Click to download

File Size   259.44 Kbytes
Page   13 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Compliant with IEC/EN60335-1*1*2 /EN60079-15*3 1 Form A/1 Form C 10 A small power relays

ALQ309 Datasheet (HTML) - Panasonic Semiconductor


ALQ309 Product details

FEATURES
●Compact with high capacity:
1 Form A / 1 Form C, 10 A
●Inrush/reinforced insulation type has TV-3
rating ( UL/C-UL approved )
●Compliant with IEC/EN60335-1 *1
*2
( VDE approved )
*1: Common safety standard for major electrical appliance
*2: 1 Form A type is compatible except for the bottom surface
●Compliant with IEC/EN60079-15 *3
*3: Explosion-proof certification

TYPICAL APPLICATIONS
●Home appliance
●Industrial equipment




Similar Part No. - ALQ309

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALQ309 PANASONIC-ALQ309 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
ALQ309 PANASONIC-ALQ309 Datasheet
232Kb / 6P
1 Form A/1 Form C 10A Small power relays
2016.03
ALQ309 PANASONIC-ALQ309 Datasheet
364Kb / 12P
Compliant with IEC/EN60335-1*1 *2 /EN60079-15*3 (VDE approved) 1 Form A/1 Form C 10A small power relays
2023.01
More results


Similar Description - ALQ309

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
PBH TEC-PBH Datasheet
225Kb / 2P
1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com