Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet (PDF) - STMicroelectronics

SR176 Datasheet PDF - STMicroelectronics
Part # SR176
Download  SR176 Download
File Size   118.59 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID

SR176 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR176 Datasheet PDF - STMicroelectronics

Part # SR176
Download  SR176 Click to download

File Size   118.59 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID

SR176 Datasheet (HTML) - STMicroelectronics


SR176 Product details

SUMMARY DESCRIPTION
The SR176 is a contactless memory, powered by an externally transmitted radio wave. It contains 176 bits of user EEPROM, fabricated with STMicroelectronics CMOS technology. The memory is organized as 16 blocks of 16 bits, of which 11 blocks are user accessible.

FEATURES SUMMARY
■ ISO 14443 - 2 Type B Air Interface Compliant
■ ISO 14443 - 3 Type B Frame Format Compliant
■ 13.56MHz Carrier Frequency
■ 847kHz Subcarrier Frequency
■ 106kbit/s Data Transfer
■ Data Transfer
    – ASK Modulation from Reader to Tag
    – BPSK Coding from Tag to Reader
■ 176-bit EEPROM with Write Protect Feature
■ 64-bit Unique Identifier
■ READ BLOCK & WRITE BLOCK (16 Bits)
■ Internal Tuning Capacitor
■ Self-Timed Programming Cycle
■ 5ms Programming Time (typical)
■ More than 100,000 Erase/Write Cycles
■ More than 10 Year Data Retention




Similar Part No. - SR176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SR176 STMICROELECTRONICS-SR176 Datasheet
364Kb / 35P
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
10-Apr-2007
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
10-Apr-2007
More results


Similar Description - SR176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35102 STMICROELECTRONICS-M35102 Datasheet
30Kb / 2P
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
10-Apr-2007
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRI4K STMICROELECTRONICS-SRI4K_11 Datasheet
339Kb / 46P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
09-Sep-2011
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
13-Sep-2011
SRT512 STMICROELECTRONICS-SRT512_12 Datasheet
470Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
22-Oct-2012
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
07-Feb-2023
ST25TB512-AC STMICROELECTRONICS-ST25TB512-AC Datasheet
609Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com